Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7104YT Datasheet(PDF) 2 Page - Kingbright Corporation

Part # L7104YT
Description  T-1 (3mm)SOLID STATE LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L7104YT Datasheet(HTML) 2 Page - Kingbright Corporation

  L7104YT Datasheet HTML 1Page - Kingbright Corporation L7104YT Datasheet HTML 2Page - Kingbright Corporation L7104YT Datasheet HTML 3Page - Kingbright Corporation L7104YT Datasheet HTML 4Page - Kingbright Corporation L7104YT Datasheet HTML 5Page - Kingbright Corporation L7104YT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: CDA0695
REV NO: V.1
DATE: NOV/12/2001
PAGE: 2 OF 6
APPROVED : J. Lu
CHECKED :
DRAWN: Z.W.Yan
Selection Guide
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25°°°°°C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
ll
e
Y
e
g
n
a
r
O
e
r
u
P
n
e
e
r
G
e
r
u
P
7
2
6
7
2
6
5
6
5
0
9
5
7
0
6
5
5
5
m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
ll
e
Y
e
g
n
a
r
O
e
r
u
P
n
e
e
r
G
e
r
u
P
5
2
6
5
2
6
8
6
5
8
8
5
0
1
6
5
5
5
m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
ll
e
Y
e
g
n
a
r
O
e
r
u
P
n
e
e
r
G
e
r
u
P
5
4
5
4
0
3
5
3
5
3
0
3
m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
ll
e
Y
e
g
n
a
r
O
e
r
u
P
n
e
e
r
G
e
r
u
P
5
1
5
1
5
1
0
2
5
1
5
4
F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
e
g
n
a
r
O
n
e
e
r
G
w
o
ll
e
Y
e
g
n
a
r
O
e
r
u
P
n
e
e
r
G
e
r
u
P
0
.
2
0
.
2
2
.
2
1
.
2
5
0
.
2
5
2
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
IR
t
n
e
rr
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V
.
o
N
tr
a
Pe
c
i
De
p
y
T
s
n
e
L
)
d
c
m
(
v
I
A
m
0
1
@
g
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
D
I
4
0
1
7
L
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
D
E
S
U
F
F
I
D
D
E
R8
5
0
4
T
I
4
0
1
7
L
T
N
E
R
A
P
S
N
A
R
T
D
E
R0
20
4
3
C
E
4
0
1
7
L
R
A
E
L
C
R
E
T
A
W0
20
4
3
D
E
4
0
1
7
L)
P
a
G
/
P
s
A
a
G
(
E
G
N
A
R
OD
E
S
U
F
F
I
D
E
G
N
A
R
O8
0
0
4
D
G
4
0
1
7
L
)
P
a
G
(
N
E
E
R
G
D
E
S
U
F
F
I
D
N
E
E
R
G8
0
0
4
T
G
4
0
1
7
L
T
N
E
R
A
P
S
N
A
R
T
N
E
E
R
G0
20
4
3
C
G
4
0
1
7
L
R
A
E
L
C
R
E
T
A
W0
20
4
3
D
Y
4
0
1
7
L
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y
D
E
S
U
F
F
I
D
W
O
L
L
E
Y5
5
0
4
T
Y
4
0
1
7
L
T
N
E
R
A
P
S
N
A
R
T
W
O
L
L
E
Y8
0
4
3
C
Y
4
0
1
7
L
R
A
E
L
C
R
E
T
A
W8
0
4
3
D
N
4
0
1
7
L
)
P
a
G
/
P
s
A
a
G
(
E
G
N
A
R
O
E
R
U
P
D
E
S
U
F
F
I
D
E
G
N
A
R
O8
0
0
4
T
N
4
0
1
7
L
T
N
E
R
A
P
S
N
A
R
T
E
G
N
A
R
O0
20
4
3
C
N
4
0
1
7
L
R
A
E
L
C
R
E
T
A
W0
20
4
3
D
G
P
4
0
1
7
L
)
P
a
G
(
N
E
E
R
G
E
R
U
P
D
E
S
U
F
F
I
D
N
E
E
R
G2
5
°
0
4
T
G
P
4
0
1
7
L
T
N
E
R
A
P
S
N
A
R
T
N
E
E
R
G3
5
4
3
C
G
P
4
0
1
7
L
R
A
E
L
C
R
E
T
A
W3
5
4
3


Similar Part No. - L7104YT

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
L7104A KEYSIGHT-L7104A Datasheet
1Mb / 8P
   M9170A PXI Attenuator/Switch Driver Module
More results

Similar Description - L7104YT

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-16 LITEON-LTL-16 Datasheet
282Kb / 1P
   T-1(3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L1154ID KINGBRIGHT-L1154ID Datasheet
165Kb / 5P
   T-1(3mm) SOLID STATE LAMPS
L934HD KINGBRIGHT-L934HD Datasheet
210Kb / 7P
   T-1 (3mm)SOLID STATE LAMPS
L132XID KINGBRIGHT-L132XID Datasheet
162Kb / 5P
   T-1 3MM SOLID STATE LAMPS
L934SE KINGBRIGHT-L934SE Datasheet
88Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
L-1154G KINGBRIGHT-L-1154G Datasheet
173Kb / 5P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
logo
Visual Communications C...
4303F VCC-4303F Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Lite-On Technology Corp...
LTL-4203 LITEON-LTL-4203 Datasheet
638Kb / 6P
   T-1 3/4 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com