Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2MBI300UD-120 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. 2MBI300UD-120
Description  1200V / 300A 2 in one-package IGBT Module U-Series
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

2MBI300UD-120 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2MBI300UD-120
IGBT Module
Outline Drawings, mm
M235
Transient thermal resistance (max.)
Reverse recovery characteristics (typ.)
Vcc=600V, VGE=±15V, Rg=1.1Ω
Forward current vs. Forward on voltage (typ.)
chip
0
100
200
300
400
500
600
700
800
01
234
Forward on voltage : VF [ V ]
Tj=125°C
Tj=25°C
10
100
1000
0
100
200
300
400
500
600
Forward current : IF [ A ]
Irr (125°C)
Irr (25°C)
trr (125°C)
trr (25°C)
0.001
0.010
0.100
1.000
0.001
0.010
0.100
1.000
Pulse width : Pw [ sec ]
FWD
IGBT


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DIM200PLM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200PLM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
2MBI300U4H-170IGBT MODULE 1 2 3 4 5 MoreFuji Electric
DIM200WBS12-A000Single Switch IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS12-E000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WHS17-A000Half Bridge IGBT Module 1 2 3 4 5 MoreDynex Semiconductor
DIM200WKS12-A000IGBT Chopper Module - Upper Arm Control 1 2 3 4 5 MoreDynex Semiconductor
DIM200WKS17-A000IGBT Chopper Module - Upper Arm Control 1 2 3 4 5 MoreDynex Semiconductor
DIM200WLS12-A000IGBT Chopper Module - Lower Arm Control 1 2 3 4 5 MoreDynex Semiconductor
MS5F5617IGBT module 1 2 3 4 5 MoreFuji Electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn