Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI300UD-120 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2MBI300UD-120
Description  1200V / 300A 2 in one-package IGBT Module U-Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2MBI300UD-120 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2MBI300UD-120 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2MBI300UD-120 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2MBI300UD-120 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2MBI300UD-120 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2MBI300UD-120
IGBT Module
Characteristics (Representative)
VGE=0V, f= 1M Hz, Tj= 25°C
Collector-Emitter voltage vs. Gate-Emitter voltage (typ.)
Vcc=600V, Ic=300A, Tj= 25°C
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 125°C / chip
Capacitance vs. Collector-Emitter voltage (typ.)
Dynamic Gate charge (typ.)
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 25°C / chip
Collector current vs. Collector-Emitter voltage (typ.)
VGE=15V / chip
Tj=25°C / chip
0
100
200
300
400
500
600
700
800
012
34
5
Collector-Emitter voltage : VCE [V]
VGE=20V
15V
12V
10V
8V
0
100
200
300
400
500
600
700
800
01
2
345
Collector-Emitter voltage : VCE [V]
VGE=20V 15V
12V
10V
8V
0
100
200
300
400
500
600
700
800
01
23
4
Collector-Emitter voltage : VCE [V]
Tj=125°C
Tj=25°C
0
2
4
6
8
10
5
101520
25
Gate - Emitter voltage : VGE [ V ]
Ic=600A
Ic=300A
Ic=150A
0.1
1.0
10.0
100.0
010
20
30
Collector-Emitter voltage : VCE [V]
Cies
Coes
Cres
0
300
600
900
1200
1500
1800
Gate charge : Qg [ nC ]
VGE
VCE


Similar Part No. - 2MBI300UD-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300U2B-060 FUJI-2MBI300U2B-060 Datasheet
232Kb / 4P
   IGBT Module U-Series
2MBI300U4D-120 FUJI-2MBI300U4D-120 Datasheet
424Kb / 13P
   IGBT MODULE
2MBI300U4E-120 FUJI-2MBI300U4E-120 Datasheet
427Kb / 13P
   IGBT MODULE
2MBI300U4H-120 FUJI-2MBI300U4H-120 Datasheet
432Kb / 13P
   IGBT MODULE
2MBI300U4H-170 FUJI-2MBI300U4H-170 Datasheet
207Kb / 13P
   IGBT MODULE
More results

Similar Description - 2MBI300UD-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2MBI300UC-120 ETC2-2MBI300UC-120 Datasheet
108Kb / 4P
   IGBT Module U-Series 1200V / 300A 2 in one-package
logo
Fuji Electric
2MBI300VH-120-50 FUJI-2MBI300VH-120-50 Datasheet
424Kb / 6P
   IGBT MODULE (V series) 1200V / 300A / 2 in one package
2MBI300VD-120-50 FUJI-2MBI300VD-120-50 Datasheet
403Kb / 6P
   IGBT MODULE (V series) 1200V / 300A / 2 in one package
2MBI300VE-120-50 FUJI-2MBI300VE-120-50 Datasheet
405Kb / 6P
   IGBT MODULE (V series) 1200V / 300A / 2 in one package
1MBI300HH-120L-50 FUJI-1MBI300HH-120L-50 Datasheet
493Kb / 7P
   IGBT MODULE 1200V / 300A / 1 in one package
2MBI1200U4G-120 FUJI-2MBI1200U4G-120 Datasheet
581Kb / 6P
   IGBT MODULE (U series) 1200V / 1200A / 2 in one package
logo
List of Unclassifed Man...
2MBI150UA-120 ETC2-2MBI150UA-120 Datasheet
104Kb / 4P
   IGBT Module U-Series 1200V / 150A 2 in one-package
2MBI150UB-120 ETC2-2MBI150UB-120 Datasheet
105Kb / 4P
   IGBT Module U-Series 1200V / 150A 2 in one-package
2MBI75UA-120 ETC2-2MBI75UA-120 Datasheet
104Kb / 4P
   IGBT Module U-Series 1200V / 75A 2 in one-package
logo
Fuji Electric
2MBI600U4G-120 FUJI-2MBI600U4G-120 Datasheet
611Kb / 6P
   IGBT MODULE (U series) 1200V / 600A / 2 in one package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com