Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM5010A Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM5010A
Description  High Voltage 1A Step Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010A Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM5010A Datasheet HTML 2Page - National Semiconductor (TI) LM5010A Datasheet HTML 3Page - National Semiconductor (TI) LM5010A Datasheet HTML 4Page - National Semiconductor (TI) LM5010A Datasheet HTML 5Page - National Semiconductor (TI) LM5010A Datasheet HTML 6Page - National Semiconductor (TI) LM5010A Datasheet HTML 7Page - National Semiconductor (TI) LM5010A Datasheet HTML 8Page - National Semiconductor (TI) LM5010A Datasheet HTML 9Page - National Semiconductor (TI) LM5010A Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Performance Characteristics
V
CC vs VIN
V
CC vs ICC
20153804
20153805
I
CC vs Externally Applied VCC
On-Time vs V
IN and RON
20153806
20153807
Voltage at RON/SD Pin
I
IN vs VIN
20153808
20153810
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NCP5181 High Voltage High and Low Side Driver 1  2  3  4  5  More ON Semiconductor
PT78ST100 1.5 Amp Positive Step-Down Integrated Switching Regulator 1  2  3  4  Texas Instruments
NCV4299 150 mA Low−Dropout Voltage Regulator 1  2  3  4  5  More ON Semiconductor
AD8203 High Common-Mode Voltage Single-Supply Difference Amplifier 1  2  3  4  5  More Analog Devices
AD5764R Complete Quad 16-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1  2  3  4  5  More Analog Devices
AD8212 High Voltage Current Shunt Monitor 1  2  3  4  5  More Analog Devices
LM79LXX 100mA Negative Voltage Regulator 1  2  3  4  List of Unclassifed Manufacturers
M160UFGHT High Voltage Rectifier - Axial Lead 1  2  Voltage Multipliers Inc.
M180UFG HIGH VOLTAGE RECTIFIER 1  Voltage Multipliers Inc.
H11G1X HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR 1  2  3  ISOCOM COMPONENTS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn