Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM62U256D Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. KM62U256D
Description  32Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62U256D Datasheet(HTML) 3 Page - Samsung semiconductor

  KM62U256D Datasheet HTML 1Page - Samsung semiconductor KM62U256D Datasheet HTML 2Page - Samsung semiconductor KM62U256D Datasheet HTML 3Page - Samsung semiconductor KM62U256D Datasheet HTML 4Page - Samsung semiconductor KM62U256D Datasheet HTML 5Page - Samsung semiconductor KM62U256D Datasheet HTML 6Page - Samsung semiconductor KM62U256D Datasheet HTML 7Page - Samsung semiconductor KM62U256D Datasheet HTML 8Page - Samsung semiconductor KM62U256D Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KM62V256D, KM62U256D Family
CMOS SRAM
Revision 1.0
November 1997
3
PRODUCT LIST
Commercial Temperature Products
(0~70
°C)
Extended Temperature Products
(-25~85
°C)
Industrial Temperature Products
(-40~85
°C)
Part Name
Function
Part Name
Function
Part Name
Function
KM62V256DLG-7L
KM62V256DLTG-7L
KM62V256DLTG-10L
KM62V256DLRG-7L
KM62V256DLRG-10L
KM62U256DLG-7L
KM62U256DLG-8L
KM62U256DLG-10L
KM62U256DLTG-7L
KM62U256DLTG-8L
KM62U256DLTG-10L
KM62U256DLRG-7L
KM62U256DLRG-8L
KM62U256DLRG-10L
28-SOP, 70ns, 3.3V
28-TSOP F, 70ns, 3.3V
28-TSOP F, 100ns, 3.3V
28-TSOP R, 70ns, 3.3V
28-TSOP R, 100ns, 3.3V
28-SOP, 70ns, 3.0V
28-SOP, 85ns, 3.0V
28-SOP, 100ns, 3.0V
28-TSOP F, 70ns, 3.0V
28-TSOP F, 85ns, 3.0V
28-TSOP F, 100ns, 3.0V
28-TSOP R, 70ns, 3.0V
28-TSOP R, 85ns, 3.0V
28-TSOP R, 100ns, 3.0V
KM62V256DLGE-7L
KM62V256DLTGE-7L
KM62V256DLTGE-10L
KM62V256DLRGE-7L
KM62V256DLRGE-10L
KM62U256DLGE-7L
KM62U256DLGE-8L
KM62U256DLGE-10L
KM62U256DLTGE-7L
KM62U256DLTGE-8L
KM62U256DLTGE-10L
KM62U256DLRGE-7L
KM62U256DLRGE-8L
KM62U256DLRGE-10L
28-SOP, 70ns, 3.3V
28-TSOP F, 70ns, 3.3V
28-TSOP F, 100ns, 3.3V
28-TSOP R, 70ns, 3.3V
28-TSOP R, 100ns, 3.3V
28-SOP, 70ns, 3.0V
28-SOP, 85ns, 3.0V
28-SOP, 100ns, 3.0V
28-TSOP F, 70ns, 3.0V
28-TSOP F, 85ns, 3.0V
28-TSOP F, 100ns, 3.0V
28-TSOP R, 70ns, 3.0V
28-TSOP R, 85ns, 3.0V
28-TSOP R, 100ns, 3.0V
KM62V256DLGI-7L
KM62V256DLTGI-7L
KM62V256DLTGI-10L
KM62V256DLRGI-7L
KM62V256DLRGI-10L
KM62U256DLGI-7L
KM62U256DLGI-8L
KM62U256DLGI-10L
KM62U256DLTGI-7L
KM62U256DLTGI-8L
KM62U256DLTGI-10L
KM62U256DLRGI-7L
KM62U256DLRGI-8L
KM62U256DLRGI-10L
28-SOP, 70ns, 3.3V
28-TSOP F, 70ns, 3.3V
28-TSOP F, 100ns, 3.3V
28-TSOP R, 70ns, 3.3V
28-TSOP R, 100ns, 3.3V
28-SOP, 70ns, 3.0V
28-SOP, 85ns, 3.0V
28-SOP, 100ns, 3.0V
28-TSOP F, 70ns, 3.0V
28-TSOP F, 85ns, 3.0V
28-TSOP F, 100ns, 3.0V
28-TSOP R, 70ns, 3.0V
28-TSOP R, 85ns, 3.0V
28-TSOP R, 100ns, 3.0V
FUNCTIONAL DESCRIPTION
1. X means don
′t care (Must be in high or low states)
CS
OE
WE
I/O
Mode
Power
H
X1)
X1)
High-Z
Deselected
Standby
L
H
H
High-Z
Output Disabled
Active
L
L
H
Dout
Read
Active
L
X1)
L
Din
Write
Active
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOUT
-0.5 to VCC+0.5
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.5 to 4.6
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
KM62V256DL, KM62U256DL
-25 to 85
°C
KM62V256DLE, KM62U256DLE
-40 to 85
°C
KM62V256DLI, KM62U256DLI
Soldering temperature and time
TSOLDER
260
°C, 10sec (Lead Only)
-
-


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn