Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELS-432GWA Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part No. ELS-432GWA
Description  Technical Data Sheet 0.39 Single Digit Displays
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-432GWA Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELS-432GWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-432GWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-432GWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-432GWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-432GWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.39" Single Digit Displays
ELS-432GWA
Package Dimensions
Notes: 1.All dimensions arein millimeters, tolerance is 0.25mm unless otherwise noted.
2.Above specification may be changed without notice.
Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 2 of 5
Device Number :CDDS-432-017
Prepared date:2004/06/18
Prepared by: Yanfang Gao


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn