Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELS-432GWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part No. ELS-432GWA
Description  Technical Data Sheet 0.39 Single Digit Displays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-432GWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELS-432GWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-432GWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-432GWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-432GWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-432GWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.39" Single Digit Displays
ELS-432GWA
█ Features :
Industrial standard size.
Low power consumption.
Categorized for luminous intensity.
Pb free
█ Descriptions :
● The ELS-432 series is a large 10.0 mm
(0.39")high seven segment display
designed for viewing distances up to
7 meters.
● These displays provide excellent
reliability in bright ambient light.
● These devices are made with white
segments and gray surface.
█ Applications :
Audio equipment
Instrument panels
Digital read out display
Chip
Material
Emitted Color
GaP
Green
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 1 of 5
Device Number :CDDS-432-017
Prepared date:2004/06/18
Prepared by: Yanfang Gao
ELS-432GWA
PART NO.


Similar Part No. - ELS-432GWA

ManufacturerPart No.DatasheetDescription
Everlight Electronics Co., Ltd
Everlight Electronics C...
ELS-432EWA EVERLIGHT-ELS-432EWA Datasheet
148Kb / 5P
   Technical Data Sheet 0.39inch Single Digit Displays
ELS-432SURWA EVERLIGHT-ELS-432SURWA Datasheet
125Kb / 7P
   0.39 Single Digit Displays
ELS-432SURWA/S530-A3 EVERLIGHT-ELS-432SURWA/S530-A3 Datasheet
125Kb / 7P
   0.39 Single Digit Displays
ELS-432SYGWA EVERLIGHT-ELS-432SYGWA Datasheet
115Kb / 6P
   0.39 Single Digit Displays
ELS-432SYGWA/S530-E2 EVERLIGHT-ELS-432SYGWA/S530-E2 Datasheet
115Kb / 6P
   0.39 Single Digit Displays
More results

Similar Description - ELS-432GWA

ManufacturerPart No.DatasheetDescription
Everlight Electronics Co., Ltd
Everlight Electronics C...
S2325SYGWA-S530-E2 EVERLIGHT-S2325SYGWA-S530-E2 Datasheet
124Kb / 6P
   Technical Data Sheet 2.3" Single Digit Displays
S816USOWA-S530-A3 EVERLIGHT-S816USOWA-S530-A3 Datasheet
125Kb / 6P
   Technical Data Sheet 0.8" Single Digit Displays
S1005SURWA-S530-A3 EVERLIGHT-S1005SURWA-S530-A3 Datasheet
123Kb / 7P
   Technical Data Sheet 1.0" Single Digit Displays
S1005SYGWA-S530-E2 EVERLIGHT-S1005SYGWA-S530-E2 Datasheet
113Kb / 6P
   Technical Data Sheet 1.0" Single Digit Displays
S1005USOWA-S530-A3 EVERLIGHT-S1005USOWA-S530-A3 Datasheet
115Kb / 6P
   Technical Data Sheet 1.0" Single Digit Displays
S1006SURWA-S530-A3 EVERLIGHT-S1006SURWA-S530-A3 Datasheet
140Kb / 7P
   Technical Data Sheet 1.0" Single Digit Displays
ELS-1006SYGWA/S530-E2 EVERLIGHT-ELS-1006SYGWA/S530-E2 Datasheet
197Kb / 6P
   Technical Data Sheet 1.0" Single Digit Displays
S326SYGWA-S530-E2 EVERLIGHT-S326SYGWA-S530-E2 Datasheet
138Kb / 5P
   Technical Data Sheet 0.28 single digit Displays
S2325SURWA-S530-A3 EVERLIGHT-S2325SURWA-S530-A3 Datasheet
133Kb / 7P
   Technical Data Sheet 2.24" Single Digit Displays
S2325USOWA-S530-A3 EVERLIGHT-S2325USOWA-S530-A3 Datasheet
125Kb / 6P
   Technical Data Sheet 2.24" Single Digit Displays
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz