Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EETUQ1C123HJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. EETUQ1C123HJ
Description  Aluminum Electrolytic Capacitors/ UQ Snap-in Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1C123HJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EETUQ1C123HJ Datasheet HTML 1Page - Panasonic Semiconductor EETUQ1C123HJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ1C123HJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1C123HJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1C123HJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1C123HJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1C123HJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1C123HJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1C123HJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
 EE167 
Aluminum Electrolytic Capacitors/ UQ
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
10000
35
25
5.0
0.30
EETUQ1H103LJ
200
12000
25
45
5.6
0.30
EETUQ1H123JJ
200
30
35
5.6
0.30
EETUQ1H123KJ
100
35
30
5.6
0.30
EETUQ1H123LJ
200
50
15000
30
40
6.4
0.30
EETUQ1H153KJ
100
35
35
6.4
0.30
EETUQ1H153LJ
100
18000
30
45
6.9
0.30
EETUQ1H183KJ
100
35
40
6.9
0.30
EETUQ1H183LJ
100
22000
35
45
7.6
0.30
EETUQ1H223LJ
100
27000
35
50
8.3
0.30
EETUQ1H273LJ
100
2200
22
25
2.5
0.30
EETUQ1J222HJ
200
2700
22
30
3.7
0.30
EETUQ1J272HJ
200
3300
22
30
4.1
0.30
EETUQ1J332HJ
200
25
25
4.1
0.30
EETUQ1J332JJ
200
3900
22
35
4.4
0.30
EETUQ1J392HJ
200
25
30
4.4
0.30
EETUQ1J392JJ
200
4700
22
40
4.9
0.30
EETUQ1J472HJ
200
25
35
4.9
0.30
EETUQ1J472JJ
200
30
25
4.9
0.30
EETUQ1J472KJ
200
5600
22
45
5.4
0.30
EETUQ1J562HJ
200
63
25
40
5.4
0.30
EETUQ1J562JJ
200
6800
25
45
5.8
0.30
EETUQ1J682JJ
200
30
30
5.8
0.30
EETUQ1J682KJ
200
35
25
6.0
0.30
EETUQ1J682LJ
200
8200
25
50
6.0
0.30
EETUQ1J822JJ
200
30
35
6.0
0.30
EETUQ1J822KJ
100
35
30
6.5
0.30
EETUQ1J822LJ
200
10000
30
40
6.5
0.30
EETUQ1J103KJ
100
35
35
6.5
0.30
EETUQ1J103LJ
100
12000
30
45
7.2
0.30
EETUQ1J123KJ
100
35
40
7.2
0.30
EETUQ1J123LJ
100
15000
35
45
7.9
0.30
EETUQ1J153LJ
100
18000
35
50
8.6
0.30
EETUQ1J183LJ
100
1500
22
25
2.3
0.25
EETUQ1K152HJ
200
1800
22
30
2.5
0.25
EETUQ1K182HJ
200
2200
22
35
2.7
0.25
EETUQ1K222HJ
200
25
25
2.7
0.25
EETUQ1K222JJ
200
80
2700
22
40
2.8
0.25
EETUQ1K272HJ
200
25
30
2.8
0.25
EETUQ1K272JJ
200
3300
22
45
3.2
0.25
EETUQ1K332HJ
200
25
35
3.2
0.25
EETUQ1K332JJ
200
30
25
3.2
0.25
EETUQ1K332KJ
200
n
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
(A)
Endurance : 85
°C 2000 h, Terminal Pitch : 10mm
When capacitors of
f35×45L and f35×50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
4.0mm
Terminal Length
(Without P.V.C.plate)
PET sleeve


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
VL-FS-MDLS16166D-07 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MGLS128128-19C SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
SMD1812 SMD Type 6 V - 60 V 1  2  Littelfuse
VL-FS-MDLS16166D-11 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MGLS128128-29C SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
XN05501 Silicon NPN epitaxial planar type For general amplification 1  2  3  Panasonic Semiconductor
VL-FS-MDLS161612D-09 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MGLS128128-35C SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
2SC5210 FOR SMALL TYPE COLOUR TV CHROMA OUTPUT APPLICATION SILICON NPN TRIPLE DIFFUSED TYPE 1  2  3  Isahaya Electronics Corporation
VL-FS-MDLS161615D-01 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn