Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26102 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS26102
Description  16-Port TDM-to-ATM PHY
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26102 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS26102 Datasheet HTML 1Page - Maxim Integrated Products DS26102 Datasheet HTML 2Page - Maxim Integrated Products DS26102 Datasheet HTML 3Page - Maxim Integrated Products DS26102 Datasheet HTML 4Page - Maxim Integrated Products DS26102 Datasheet HTML 5Page - Maxim Integrated Products DS26102 Datasheet HTML 6Page - Maxim Integrated Products DS26102 Datasheet HTML 7Page - Maxim Integrated Products DS26102 Datasheet HTML 8Page - Maxim Integrated Products DS26102 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
DS26102 16-Port TDM-to-ATM PHY
5 of 64
1. FEATURES
§ Supports 16 T1/E1 Ports
§ Supports Fractional T1/E1 and Arbitrary Bit
Rates in Multiples of 64kbps (DS0/TS) Up to
2.048Mbps
§ Supports Clear E1
§ Compliant to the ATM Forum Specifications for
ATM Over T1 and E1
§ Standard UTOPIA II Interface to the ATM Layer
§ Configurable UTOPIA Address Range
§ Generic 8-Bit Asynchronous Microprocessor
Interface for Configuration and Status Indications
Including Interrupt Capability
§ Physical Layer Interface Can Accept T1/E1 TDM
Stream in the Form of Either (1) Clock, Data, and
Frame-Overhead Indication or (2) Gapped Clock
(Gapped at Overhead Positions in the Frame)
and Data
§ Selectable Active Clock Edge for Interface with
the T1/E1 Framer
§ Supports Diagnostic Loopback
§ Optional Payload Scrambling in Transmit
Direction and Descrambling in Receive Direction
as per the ITU I.432 for the Cell-Based Physical
Layer
§ Optional HEC Insertion in Transmit Direction with
Programmable COSET Polynomial Addition
§ Option of Using Either Idle or Unassigned Cells
for Cell-Rate Decoupling in Transmit Direction
§ 1-Byte Programmable Pattern for Payload of
Cells Used for Cell-Rate Decoupling
§ Tx FIFO Depth Configurable to Either 2, 3, or 4
Cells
§ Transmit FIFO Depth Indication for 2-Cell Space
Through External Pins
§ Optional Single-Bit HEC Error Insertion
§ HEC-Based Cell Delineation as per I.432
§ Optional Single-Bit HEC Error Correction in the
Receive Direction
§ Optional Filtering of HEC-Errored Cells Received
§ Optional Receive Idle/Unassigned Cell Filtering
§ Optional User-Defined Cell Filtering Based on
Programmable Header Bits
§ Programmable Loss-Of-Cell Delineation (LCD)
Integration and Interrupt
§ Interrupt for FIFO Overrun in Receive Direction
§ Saturating Counts for (1) Number of Error-Free
Assigned Cells Received and Transmitted and
(2) Number of Correctable and Uncorrectable
HEC-Errored Cells Received
§ Selectable Internally Generated Clock (System
Clock Divided by 8) in Diagnostic Loopback
Mode
§ Integrated PLL Generates High-Frequency
Clocks
§ IEEE 1149.1 JTAG Boundary Scan Support
2. APPLICABLE STANDARDS
[1] ATM Forum “DS1 Physical Layer Specification,” af-phy-0016.000, September 1994
[2] ATM Forum “E1 Physical Layer Specification,” af-phy-0064.000, September 1996
[3] ATM Forum “UTOPIA Level 2 Specification,” Version 1.0, af-phy-0039.000, June 1995
[4] B-ISDN User-Network Interface—Physical Layer Specification—ITU-T Recommendation I.432—3/93


Similar Part No. - DS26102

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26101 MAXIM-DS26101 Datasheet
560Kb / 62P
   8-Port TDM-to-ATM PHY
REV: 032503
More results

Similar Description - DS26102

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26101 MAXIM-DS26101 Datasheet
560Kb / 62P
   8-Port TDM-to-ATM PHY
REV: 032503
logo
Integrated Device Techn...
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Actel Corporation
MC-ACT-UL2LINK-NET ACTEL-MC-ACT-UL2LINK-NET Datasheet
289Kb / 7P
   Function compatible with ATM Forum af-phy-0017.000 & af-phy-0039.000
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
logo
Zarlink Semiconductor I...
MT90883 ZARLINK-MT90883 Datasheet
702Kb / 97P
   TDM to Packet Processors
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
   ATM SAR and PHY Processor for PCI Bus
logo
Zarlink Semiconductor I...
MT90222 ZARLINK-MT90222 Datasheet
895Kb / 55P
   4/8/16 Port IMA/TC PHY Device
logo
PMC-Sierra, Inc
PM7375 PMC-PM7375 Datasheet
119Kb / 4P
   ATM SAR and PHY Processor for PCI Bus
logo
Integrated Device Techn...
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com