Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26101 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # DS26101
Description  8-Port TDM-to-ATM PHY
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26101 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button DS26101 Datasheet HTML 50Page - Maxim Integrated Products DS26101 Datasheet HTML 51Page - Maxim Integrated Products DS26101 Datasheet HTML 52Page - Maxim Integrated Products DS26101 Datasheet HTML 53Page - Maxim Integrated Products DS26101 Datasheet HTML 54Page - Maxim Integrated Products DS26101 Datasheet HTML 55Page - Maxim Integrated Products DS26101 Datasheet HTML 56Page - Maxim Integrated Products DS26101 Datasheet HTML 57Page - Maxim Integrated Products DS26101 Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
DS26101 8-Port TDM-to-ATM PHY
54 of 62
Table 13-B. AC Characteristics—Nonmultiplexed Parallel Port (MUX = 1)
(VDD = 3.3V
±5%, TA = -40°C to +85°C.) (Figure 13-4 through Figure 13-7)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Setup Time for A[7:0], BLS0 Valid to
CS Active
t1
0
ns
Setup Time for
CS Active to Either RD or WR Active
t2
0
ns
Delay Time from Either
RD or DS Active to
D/AD[7:0] Valid
t3
130
ns
Hold Time from Either
RD or WR Inactive to CS
Inactive
t4
0
ns
Hold Time from
CS or RD or DS Inactive to
D/AD[7:0] Tri-State
t5
5
25
ns
Wait Time from
WR Active to Latch Data
t6
30
ns
Data Setup Time to
WR Inactive
t7
10
ns
Data Hold Time from
WR Inactive
t8
2
ns
Address, BLS0 Hold from
WR Inactive
t9
0
ns
Write Access to Subsequent Write/Read Access
Delay Time (Note 1)
t10
5 x GCLK
ns
Note 1: Time t10 should be minimum 5 x the GCLKIN period. For a GCLKIN = 33MHz, t10 = 150ns.
Note 2: Interrupt is deasserted at 5 x GCLKIN period + 40ns maximum from
RD active.
Figure 13-4. Intel Bus Read Timing (BTS = 0/MUX = 0)
t2
t3
ADDRESS VALID
DATA VALID
t4
t9
t5
t10
ADDR[7:0]
DATA[7:0]
CS_B
RD_B
WR_B
t1


Similar Part No. - DS26101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
   16-Port TDM-to-ATM PHY
REV: 021403
More results

Similar Description - DS26101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
   16-Port TDM-to-ATM PHY
REV: 021403
logo
Integrated Device Techn...
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Analog Devices
ADAU7118 AD-ADAU7118 Datasheet
670Kb / 35P
   8-Channel, PDM to I2S/TDM Converter
Rev. A
logo
Actel Corporation
MC-ACT-UL2LINK-NET ACTEL-MC-ACT-UL2LINK-NET Datasheet
289Kb / 7P
   Function compatible with ATM Forum af-phy-0017.000 & af-phy-0039.000
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
logo
Zarlink Semiconductor I...
MT90883 ZARLINK-MT90883 Datasheet
702Kb / 97P
   TDM to Packet Processors
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
   ATM SAR and PHY Processor for PCI Bus
PM7375 PMC-PM7375 Datasheet
119Kb / 4P
   ATM SAR and PHY Processor for PCI Bus
logo
Integrated Device Techn...
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com