Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26101 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # DS26101
Description  8-Port TDM-to-ATM PHY
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26101 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button DS26101 Datasheet HTML 38Page - Maxim Integrated Products DS26101 Datasheet HTML 39Page - Maxim Integrated Products DS26101 Datasheet HTML 40Page - Maxim Integrated Products DS26101 Datasheet HTML 41Page - Maxim Integrated Products DS26101 Datasheet HTML 42Page - Maxim Integrated Products DS26101 Datasheet HTML 43Page - Maxim Integrated Products DS26101 Datasheet HTML 44Page - Maxim Integrated Products DS26101 Datasheet HTML 45Page - Maxim Integrated Products DS26101 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
DS26101 8-Port TDM-to-ATM PHY
42 of 62
Register Name:
RUFC
Register Description:
Receive User-Filter Control
Register Address:
1Bh, 3Bh, 5Bh, 7Bh, 9Bh, BBh, DBh, FBh
Bit:
7
6
5
4
3
2
1
0
Name:
UFPMS
UFMS
UFEN
Default:
0
0
0
0
0
0
0
0
Bit 0: User-Filter Enable (UFEN)
0 = do not apply the user-defined filter.
1 = filter incoming cells based on the UFPM registers.
Bit 1: User-Filter-Mode Select (UFMS)
0 = reject (block) all cells that match the user-defined pattern and mask.
1 = accept (pass) only the cells that match the user-defined pattern and mask.
Bit 2: User-Filter Pattern/Mask Select (UFPMS). This bit must be set = 0 to enter the filter pattern, and then set =
1 to enter the filter mask.
0 = user-filter pattern/mask (UFPM) registers are enabled as pattern mode.
1 = user-filter pattern/mask (UFPM) registers are enable as mask mode.
Bits 3 to 7: Unassigned, must be set to 0 for proper operation
Register Name:
RUFPM1
Register Description:
Receive User-Filter Pattern/Mask Register 1
Register Address:
1Ch, 3Ch, 5Ch, 7Ch, 9Ch, BCh, DCh, FCh
Bit:
7
6
5
4
3
2
1
0
Name:
H1.7
H1.6
H1.5
H1.4
H1.3
H1.2
H1.1
H1.0
Default:
0
0
0
0
0
0
0
0
Bits 0 to 7: Receive User-Filter Pattern/Mask 1 (UFPM1[7:0]). When UFPMS = 0, this register can be
programmed with the cell header pattern to match with the first octet (H1) of the received ATM cell.
When UFPMS = 1, this register can be programmed with cell header mask associated with the first octet (H1). A
logic 1 in any mask bit enables the comparison of the corresponding pattern bit to the header bit. An FFh in this
register enables matching of all 8 bits in pattern register 1. A logic 0 causes the masking of the corresponding bit
(essentially a don’t care in the match).


Similar Part No. - DS26101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
   16-Port TDM-to-ATM PHY
REV: 021403
More results

Similar Description - DS26101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
   16-Port TDM-to-ATM PHY
REV: 021403
logo
Integrated Device Techn...
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
logo
Analog Devices
ADAU7118 AD-ADAU7118 Datasheet
670Kb / 35P
   8-Channel, PDM to I2S/TDM Converter
Rev. A
logo
Actel Corporation
MC-ACT-UL2LINK-NET ACTEL-MC-ACT-UL2LINK-NET Datasheet
289Kb / 7P
   Function compatible with ATM Forum af-phy-0017.000 & af-phy-0039.000
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
logo
Zarlink Semiconductor I...
MT90883 ZARLINK-MT90883 Datasheet
702Kb / 97P
   TDM to Packet Processors
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
   ATM SAR and PHY Processor for PCI Bus
PM7375 PMC-PM7375 Datasheet
119Kb / 4P
   ATM SAR and PHY Processor for PCI Bus
logo
Integrated Device Techn...
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com