Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2017 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2017
Description  Low-Voltage, Low ON, Dual DPDT Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2017 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG2017 Datasheet HTML 1Page - Vishay Siliconix DG2017 Datasheet HTML 2Page - Vishay Siliconix DG2017 Datasheet HTML 3Page - Vishay Siliconix DG2017 Datasheet HTML 4Page - Vishay Siliconix DG2017 Datasheet HTML 5Page - Vishay Siliconix DG2017 Datasheet HTML 6Page - Vishay Siliconix DG2017 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Figure 1.
Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
300
W
VOUT
GND
V+
50%
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic “1” = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
0 V
Switch Output
V
OUT + VCOM
R
L
R
L ) RON
0.9 x VOUT
tr t 5 ns
tf t 5 ns
VINH
VINL
DG2017
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 72228
S-31067—Rev. A, 26-May-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
-60
-40
-20
0
20
40
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Charge Injection vs. Analog Voltage
VCOM - Analog Voltage (V)
Switching Threshold vs. Supply Voltage
V+ - Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012
34
567
SW1 and SW2
SW3 and SW4
V+ = 3 V
TEST CIRCUITS


Similar Part No. - DG2017

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2017 VISHAY-DG2017 Datasheet
188Kb / 11P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. B, 13-Jun-11
DG2017 VISHAY-DG2017 Datasheet
143Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG2017DN-T1-E4 VISHAY-DG2017DN-T1-E4 Datasheet
188Kb / 11P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. B, 13-Jun-11
DG2017DN-T1-E4 VISHAY-DG2017DN-T1-E4 Datasheet
143Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG2017 VISHAY-DG2017_11 Datasheet
188Kb / 11P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. B, 13-Jun-11
More results

Similar Description - DG2017

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2799 VISHAY-DG2799_08 Datasheet
155Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT Analog Switch
Rev. F, 07-Nov-05
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. E, 28-Feb-11
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. C, 30-Apr-07
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
DG2015 VISHAY-DG2015_V01 Datasheet
130Kb / 8P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG2015 VISHAY-DG2015 Datasheet
58Kb / 6P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. B, 03-Mar-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com