Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B-KQ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4237B-KQ
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B-KQ Datasheet(HTML) 1 Page - Cirrus Logic

  CS4237B-KQ Datasheet HTML 1Page - Cirrus Logic CS4237B-KQ Datasheet HTML 2Page - Cirrus Logic CS4237B-KQ Datasheet HTML 3Page - Cirrus Logic CS4237B-KQ Datasheet HTML 4Page - Cirrus Logic CS4237B-KQ Datasheet HTML 5Page - Cirrus Logic CS4237B-KQ Datasheet HTML 6Page - Cirrus Logic CS4237B-KQ Datasheet HTML 7Page - Cirrus Logic CS4237B-KQ Datasheet HTML 8Page - Cirrus Logic CS4237B-KQ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
Integrated SRS®
3D Sound Technology
Compatible with Sound BlasterTM, Sound Blaster
Pro
TM, and Windows Sound SystemTM
Advanced MPC3-Compliant Input and Output Mixer
Enhanced Stereo Full Duplex Operation
Dual Type-F DMA Support
Industry Leading Delta-Sigma Data Converters
Fully Plug-and-Play ISA Compatible
3.3 V or 5 V ISA Bus Operation
Programmable Power Management
Hardware Master Volume Control
Enhanced Digital Gameport
CS9236 Wavetable Digital Audio Interface
MPU-401 MIDI Interface
Consumer IEC-958 Digital Output (S/PDIF)
CS4236/CS4232/CS4231 Register Compatible
General Description
The CS4237B is a single chip multimedia audio system
that provides compatibility with the Microsoft Windows
Sound System standard and will run software written to
the Sound Blaster and Sound Blaster Pro interfaces.
The CS4237B is fully compliant with Microsoft’s PC’ 97
and WHQL audio requirements. The product includes
an internal FM synthesizer and Plug-and-Play external
interfaces for Wavetable, CD-ROM, and modem de-
vices. In addition, the CS4237B includes hardware
master volume control pins as well as extensive power
management and SRS 3D sound technology.
ORDERING INFORMATION:
CS4237B-JQ
100 pin TQFP, 14x14x1.4mm
CS4237B-KQ
100 pin TQFP, 14x14x1.4mm
SEP ’97
DS213PP4
1
Cirrus Logic, Inc.
P.O. Box 17847, Austin, TX 78760
(512) 445 7222 Fax: (512) 445 7581
http://www.cirrus.com
CrystalClear
™ Advanced Audio System with 3D Sound
This document contains information for a new product. Cirrus
Logic, Inc. reserves the right to modify this product without notice.
Advanced Product Information
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
GAIN
GAIN
GAIN
GAIN
ATTN.
L/RAUX1
L/RLINE
L/RAUX2
L/RMIC
MIN
Σ
GAIN
OSCILLATOR
VREF
GAIN
CMAUX2
MOUT
L/ROUT
INPUT MIXER
OUTPUT MIXER
VREF REFFLT
XTALI
XTALO
L/RFILT
LINEAR
µ-LAW
A-LAW
ADPCM
LINEAR
µ-LAW
A-LAW
ADPCM
ISA
BUS
INTERFACE
PLUG
AND
PLAY
CODEC
REG
I/F
Config
IO
IRQ
DMA
CD-ROM, Modem, or
Upper Address Bits
Decode
Logic
DACK<A:C>
DRQ<A:C>
IRQ<A:F>
IOCHRDY
AEN
IOW
IOR
SA<11:0>
SD<7:0>
FM
Synthesizer
SERIAL
SHIFT
DIGITAL/
ANALOG
JOYSTICK
LOGIC
MPU-401
UART
with
FIFOS
WSS
SBPRO
Registers
Synth. Interface
or Hardware
Volume Control
Peripherals
&
EEPROM
Interface
XIOW
XIOR
XD<7:0>
XA<2:0>
JOYSTICK
MIDI
SCS/
UP
BRESET
SINT/
DOWN
S/PDIF
DSP SERIAL
PORT
GAIN
DSP
SERIAL
PORT
CS9236
SERIAL
PORT
SA<12:15>
(CDROM)
(Modem)
MUTE
WAVETABLE
SERIAL PORT
Σ
Σ
Loopback
Monitor
Attenuation
Σ
DIGITAL
MIXER
CS4237B


Similar Part No. - CS4237B-KQ

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B-KQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com