Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV500V Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. HV500V
Description  Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HV500V Datasheet(HTML) 2 Page - Vishay Siliconix

  HV500V Datasheet HTML 1Page - Vishay Siliconix HV500V Datasheet HTML 2Page - Vishay Siliconix HV500V Datasheet HTML 3Page - Vishay Siliconix HV500V Datasheet HTML 4Page - Vishay Siliconix HV500V Datasheet HTML 5Page - Vishay Siliconix HV500V Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions contact: CDC@vishay.com
Document Number 28513
36
Revision 28-Sep-06
HV 500 V
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 500 V (DC) General Purpose
Notes
1. Maximum thickness 4.0 mm.
2. SH = seated height.
3. Lead style codes refer to inward kinked leads. Other styles available on request.
ORDERING INFORMATION (PREFERED TYPES), CLASS 1, 500 V (DC), KINKED
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD SPACING
F
(mm)
SH(2)
(mm)
CLEAR TEXT CODE
13th DIGIT:
T = REEL; U = AMMO; 3 = BULK
16th DIGIT:
R = RoHS COMPLIANT
CLASS 1 NP0
10
± 5
5.0
5.0
4.0
D100J20C0GL6.J5.
12
D120J20C0GL6.J5.
15
D150J20C0GL6.J5.
18
6.5
D180J25C0GL6.J5.
22
D220J25C0GL6.J5.
27
D270J25C0GL6.J5.
CLASS 1 SL0
33
± 5
5.0
5.0
4.0
D330J20SL0L6.J5.
39
D390J20SL0L6.J5.
47
D470J20SL0L6.J5.
56
D560J20SL0L6.J5.
68
6.5
D680J25SL0L6.J5.
82
D820J25SL0L6.J5.
ORDERING INFORMATION (PREFERED TYPES), CLASS 2, 500 V (DC), KINKED
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD SPACING
F
(mm)
SH(2)
(mm)
CLEAR TEXT CODE
13th DIGIT:
T = REEL; U = AMMO; 3 = BULK
16th DIGIT:
R = RoHS COMPLIANT
CLASS 2 Y5P
100
± 10
5.0
5.0
4.0
D101K20Y5PL6.J5.
150
D151K20Y5PL6.J5.
220
D221K20Y5PL6.J5.
330
D331K20Y5PL6.J5.
470
D471K20Y5PL6.J5.
680
6.5
D681K25Y5PL6.J5.
1000
D102K25Y5PL6.J5.
1500
7.5
D152K29Y5PL6.J5.
2200
8.5
D222K33Y5PL6.J5.
3300
10.0
D332K39Y5PL6.J5.
4700
11.0
D472K43Y5PL6.J5.
6800
13.5
7.5
D682K53Y5PL6.J7.
10 000
17.5
D103K69Y5PL6.J7.
CLASS 2 Y5V
1000
+ 80 /- 20
5.0
5.0
4.0
D102Z20Y5VL6.J5.
1500
D152Z20Y5VL6.J5.
2200
6.5
D222Z25Y5VL6.J5.
3300
D322Z25Y5VL6.J5.
4700
7.5
D472Z29Y5VL6.J5.
6800
8.5
D682Z33Y5VL6.J5.
10 000
10.0
D103Z39Y5VL6.J5.
15 000
11.0
D153Z43Y5VL6.J5.
22 000
13.5
7.5
D223Z53Y5VL6.J7.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2SA2029M3 PNP Silicon General Purpose Amplifier Transistor 1  2  3  4  ON Semiconductor
2SC5658M3T5G NPN Silicon General Purpose Amplifier Transistor 1  2  3  4  Vaishali Semiconductor
MSD42SWT1 NPN Silicon General Purpose High Voltage Transistor 1  2  ON Semiconductor
BC807DS PNP general purpose double transistor 1  2  3  4  5  More NXP Semiconductors
RC01 General purpose chip resistors 1  2  3  4  5  More List of Unclassifed Manufacturers
RC0402 GENERAL PURPOSE CHIP RESISTORS 1  2  3  4  5  More List of Unclassifed Manufacturers
MKP378 AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type 1  2  3  4  5  More Vishay Siliconix
SC2412KLT1 General Purpose Transistors 1  2  3  List of Unclassifed Manufacturers
MKP479 AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn