Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BRF610 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. BRF610
Description  NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

BRF610 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BIPOLARICS, INC.
Part Number BRF610
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
PAGE
4
NOTES: (unless otherwise specified)
1. Dimensions are
in
2. Tolerances:
in .xxx =
± .005
mm .xx =
± .13
3. All dimensions nominal; subject to change
without notice
(mm)
BRF61035
Package Style 35: Micro-X 0.085" Ceramic
BIPOLARICS, INC.
46766 Lakeview Blvd.
Fremont, CA 94538
Phone: (510)226-6565 FAX: (510) 226-6765
LEAD
1
2
3
4
Package Style
Base
Emitter
Collector
Emitter
14, 85, 35 & 10


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn