Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
BRF610 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers
Part No.
BRF610
Description
NPN
LOW
NOISE
SILICON
MICROWAVE
TRANSISTOR
Download
4 Pages
Scroll/Zoom
100%
Maker
ETC1 [List of Unclassifed Manufacturers]
Homepage
Logo
BRF610 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers
zoom in
zoom out
3
/ 4 page
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
PAGE
3
BIPOLARICS, INC.
Part Number BRF610
BRF61092
Package Style 92: TO-92
BRF61014
Package Style 14: SOT-143
PackageStyle 02J: SOT-23J
BRF61002J
BRF61002
PackageStyle 02: SOT-23
0.30
0.51
1.39
1.57
2.25
2.75
0.45
0.60
0.95
2.65
3.04
0.00
0.10
0.45
0.60
0.10
0.79
1.1
1.90
Html Pages
1
2
3
4
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
ZXTDCM832
MPPS
Miniature
Package
Power
Solutions
DUAL
50V
NPN
SILICON
LOW
SATURATION
SWITCHING
TRANSISTOR
1
2
3
4
5
More
Zetex Semiconductors
NST489AMT1
High
Current
Surface
Mount
NPN
Silicon
Low
VCE
sat
Switching
Transistor
for
Load
Management
in
Portable
Applications
1
2
3
4
ON Semiconductor
MSD42SWT1
NPN
Silicon
General
Purpose
High
Voltage
Transistor
1
2
ON Semiconductor
PBSS302NZ
20
V
5.8
A
NPN
low
VCEsat
BISS
transistor
1
2
3
4
5
More
NXP Semiconductors
PBSS303NX
30
V
5.1
A
NPN
low
VCEsat
BISS
transistor
1
2
3
4
5
More
NXP Semiconductors
PBSS304NZ
60
V
5.2
A
NPN
low
VCEsat
BISS
transistor
1
2
3
4
5
More
NXP Semiconductors
PBSS4220V
20
V
2
A
NPN
low
VCEsat
BISS
transistor
1
2
3
4
5
More
NXP Semiconductors
NSS30071MR6T1G
30
V
0.7
A
Low
VCE
sat
NPN
Transistor
1
2
3
4
5
More
ON Semiconductor
PBSS306NX
100
V
4.5
A
NPN
low
VCEsat
BISS
transistor
1
2
3
4
5
More
NXP Semiconductors
MMBC1623L6
NPN
EPITAXIAL
SILICON
TRANSISTOR
1
Samsung semiconductor
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn