Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BRF610 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. BRF610
Description  NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

BRF610 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
PAGE
2
0.02
.51
0.008+0.002
0.203+0.051
0.032+0.015
2.34+0.38
.020+.010
0.51+.25
0.106+0.015
2.67+0.38
0.026+0.001
0.66+0.13
0.085+0.005
2.16+0.13
0.060+0.01
1.52+0.25
1
2
3
4
.020
.51
5
.065
2.15
.008+.002
.20+.050
1
2
3
4
.215+.010
5.46+.25
.020
.51
.60+0.10
1.52+.26
BIPOLARICS, INC.
Part Number BRF610
BRF61087
Package Style 87: 0.085" Plastic Micro-X,
Short Lead
BRF61085
PackageStyle 85: 0.085" Plastic Micro-X
Package Style 04: 0.145" Plastic Macro-X
BRF61004
BRF61086
Package Style 86: 0.085" Plastic Micro-X,
Surface Mount


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn