Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG2120 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AG2120
Description  FULLY FEATURED PSTN INTERFACE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AG2120 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AG2120 Datasheet HTML 1Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 2Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 3Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 4Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 5Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 6Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 7Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 8Page - List of Unclassifed Manufacturers AG2120 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
V2.0October 2002
Advance data Sheet
© Silver Telecom 2002
DESCRIPTION
The
Ag2120
is
a
self-contained
highly
integrated PSTN Interface Circuit in a single
SIL or DIL Module.
In addition to the features listed, the Ag2120
allows
flexible
programming
of
many
functions, including the dc voltage mask and
impedances. The Ag2120 meets international
safety and regulatory requirements.
The device requires a minimum of external
components and has been specified for ease
of use, to reduce time to market.
The Ag2120 is designed for all applications,
including those where there is a high level of
common mode interference, such as PABX,
long loop applications and systems without a
ground.
Ag2120
F U L L Y F E AT URE D
P S T N IN T E RF ACE
FEATURES
• A highly featured PSTN Interface (COIC,
FXO, DAA, Trunk Interface) in a single DIL
or 12mm high SIL device.
• +5V or +3.3V supply.
• Transformer
isolation
providing
high
common mode rejection (CMRR) for use in
un-grounded systems.
• Highly integrated with on board loop switch
and integral diode bridge.
• Loop start circuit, ringing detect and loop
current detection. Parallel phone detect.
• Tip-ring polarity reversal detect (for Caller
Line ID and remote metering) and on-hook
reception.
• Meets requirements of EN60950/UL1950,
and FCC Pt68.
Low cost power cross
protection.
• Programmable d.c. mask, line and network
impedances.
• Silver Telecom “design-in” assistance.
Silver
T E L E C O M
V
IN
V
OUT
TIP
RING
TRUNK
Control and
Supervision


Similar Part No. - AG2120

ManufacturerPart #DatasheetDescription
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
AG2120D SILVERTEL-AG2120D Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
AG2120S SILVERTEL-AG2120S Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
More results

Similar Description - AG2120

ManufacturerPart #DatasheetDescription
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
   Low Cost PSTN Interface
logo
List of Unclassifed Man...
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
logo
XP Power Limited
MP300-2400 XPPOWER-MP300-2400 Datasheet
1Mb / 6P
   Fully Featured Signal Set
HDS3000 XPPOWER-HDS3000 Datasheet
993Kb / 6P
   Fully Featured Signals AND Controls
logo
Analog Devices
UG-1042 AD-UG-1042 Datasheet
2Mb / 24P
   Fully featured evaluation board for 10-lead precision
logo
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
   VDSL / PSTN CPE Splitter
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
logo
Analog Devices
AD28MSP01 AD-AD28MSP01 Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com