Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA140NH60 Datasheet(PDF) 3 Page - International Rectifier

Part No. HFA140NH60
Description  Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

HFA140NH60 Datasheet(HTML) 3 Page - International Rectifier

  HFA140NH60 Datasheet HTML 1Page - International Rectifier HFA140NH60 Datasheet HTML 2Page - International Rectifier HFA140NH60 Datasheet HTML 3Page - International Rectifier HFA140NH60 Datasheet HTML 4Page - International Rectifier HFA140NH60 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HFA140NH60
3
PD-2.447 rev. B 03/99
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Fig. 2 - Typical Reverse Current vs. Reverse
Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 1 - Maximum Forward Voltage Drop
vs. Instantaneous Forward Current
0.1
1
10
100
1000
10000
0
200
400
600
R
Reverse Voltage - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
100
1000
10000
1
10
100
1000
T = 25°C
J
Reverse Voltage - V
(V)
R
A
1
10
100
1000
0.0
1.0
2.0
3.0
4.0
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1
t , Rectangular Pulse Duration (Seconds)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Single Pulse
(Thermal Resistance)
2
t
1
t
PDM
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
JDMthJC
C
2
1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn