Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA140NH60 Datasheet(PDF) 2 Page - International Rectifier

Part No. HFA140NH60
Description  Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

HFA140NH60 Datasheet(HTML) 2 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HFA140NH60
2
PD-2.447 rev. B 03/99
30.40 (1.197)
29.90 (1.177)
18.42 (0.725)
19.69 (0.775)
12.83 (0.505)
12.57 (0.495)
DIA.
4.11 (0.162)
3.86 (0.152)
19.18 (0.755)
18.92 (0.745)
SQ.
13.59 (0.535)
14.10 (0.555)
15.75 (0.620)
14.99 (0.590)
3.05 (0.120)
3.30 (0.130)
38.61 (1.520)
39.62 (1.560)
DIA.
3.86 (0.152)
4.11 (0.162)
1/4-20 UNC-2B
Dimensions in millimeters and inche
1
2
LEAD ASSIGNMENTS
1 - ANODE
2 - CATHODE
H
P
ALF- AK
Parameter
Min. Typ. Max. Units
Test Conditions
VBR
Cathode Anode Breakdown Voltage
600 ––– –––
V
IR = 100µA
VFM
Max Forward Voltage
––– 1.4
1.6
IF = 140A
––– 1.6
1.8
V
IF = 280A
––– 1.3
1.5
IF = 140A, TJ = 125°C
IRM
Max Reverse Leakage Current
––– 8.0
40
µA
VR = VR Rated
––– 2.0
8.0
mA
TJ = 125°C, VR = 480V
CT
Junction Capacitance
––– 280 400
pF
VR = 200V
From top of terminal hole to mounting
plane
Electrical Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
Dynamic Recovery Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
A/µs
nC
A
LS
Series Inductance
––– 5.0 –––
nH
Parameter
Min. Typ. Max. Units
Test Conditions
trr
Reverse Recovery Time
–––
39
–––
IF = 1.0A, dif /dt = 200A/µs, VR = 30V
trr1
See Fig. 5
–––
92
140
ns TJ = 25°C
trr2
––– 180 270
TJ = 125°C
IF = 140A
IRRM1
Peak Recovery Current
––– 9.3
17
TJ = 25°C
IRRM2
See Fig. 6
–––
16
30
TJ = 125°C
VR = 200V
Qrr1
Reverse Recovery Charge
––– 490 1200
TJ = 25°C
Qrr2
See Fig. 7
––– 1400 4000
TJ = 125°C
dif /dt = 200A/µs
di(rec)M/dt1 Peak Rate of Fall of Recovery Current
––– 290 –––
TJ = 25°C
di(rec)M/dt2 During tb
See Fig. 8
––– 200 –––
TJ = 125°C
See Fig. 1
See Fig. 2
See Fig. 3


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn