Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H4006501IC Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # H4006501IC
Description  13.56MHz 64 Data bit Read Only Contactless Identification Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H4006501IC Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button H4006501IC Datasheet HTML 2Page - EM Microelectronic - MARIN SA H4006501IC Datasheet HTML 3Page - EM Microelectronic - MARIN SA H4006501IC Datasheet HTML 4Page - EM Microelectronic - MARIN SA H4006501IC Datasheet HTML 5Page - EM Microelectronic - MARIN SA H4006501IC Datasheet HTML 6Page - EM Microelectronic - MARIN SA H4006501IC Datasheet HTML 7Page - EM Microelectronic - MARIN SA H4006501IC Datasheet HTML 8Page - EM Microelectronic - MARIN SA H4006501IC Datasheet HTML 9Page - EM Microelectronic - MARIN SA H4006501IC Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EMMICROELECTRONIC-MARINSA
H4006
9
Miller Encoder
The input to Miller encoder is NRZ data coming
from LROM. The output is coded according to
Miller format and is driving the modulator Switch.
See figure 6 for example of Miller code.
Clock Generation
The clock of the logic is extracted from the RF
signal. The clock extracted from RF signal is
driving the divider chain consisting of toggle flip-
flops. The output of this divider chain is data
clock with which the data from Laser ROM
(LROM) is addressed, encoded and sent to
Modulator Switch.
The layout of divider chain is designed in a way
that different data rates can be chosen with metal
mask (options).
The following division factors are possible on
request:
128, 256, 1024, 2048, 4094 and 8192.
The standard is 512.
Others
As mentioned in Output Sequence, during the
pause (LW) the Modulator Switch is OFF. When
observing the pause duration one has to
remember that the time with Modulator Switch
OFF effectively observed can vary due to
different terminations of STDMS. The stop bit at
0 can be represented either by Modulator Switch
ON or OFF depending on the data. The start bit
at 1 adds 1/2 of data period OFF (transition in the
middle of bit period).
Figure below show the four possible terminations
of STDMS and its influence on entire period
passed by Modulator Switch OFF. Level LOW
represents Modulator Switch OFF. LDB stands for
last data bit.
LDB
1
1
0
0
Last data
bit
Stop bit
at 0
Pause 8 +1 bit periods
Start bit
at 1
This transition is not due to Miller encoding.
Figure 8
Pad Description
Name
Description
C2
connection to antenna
C1
connection to antenna
VDD
positive supply
Tout
test output
TESTn
test input with pull up
VSS
negative supply
Table 6


Similar Part No. - H4006501IC

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A02A IVO-H400.010A02A Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A02B IVO-H400.010A02B Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A03C IVO-H400.010A03C Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A03D IVO-H400.010A03D Datasheet
508Kb / 4P
   Totalizers mechanic
More results

Similar Description - H4006501IC

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com