Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H4006 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # H4006
Description  13.56MHz 64 Data bit Read Only Contactless Identification Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H4006 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  H4006 Datasheet HTML 1Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 2Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 3Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 4Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 5Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 6Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 7Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 8Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EMMICROELECTRONIC-MARINSA
H4006
3
Electrical Characteristics
VDD = 2V, VSS = 0V, fC1 = 13.56MHz sine wave, VC1 = 1.0Vpp centered at (VDD - VSS)/2, Ta = 25°C
unless otherwise specified
Parameter
Symbol Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VDD
1.9
1)
V
Supply current
IDD
60
150
µA
Rectifier Voltage Drop
VREC
IC1C2 = 1mA, modulator switch on
VREC = (VC1-VC2) - (VDD - VSS)
1.8
V
Modulator ON DC
voltage drop 2)
VON1
VON2
IVDD VSS = 1mA
IVDD VSS = 10mA
1.9
2.4
2.3
2.8
2.8
3.3
V
V
Power on reset 3)
VR
VR - VMIN
1.2
0.1
1.4
0.25
1.7
0.5
V
V
Coil1 - Coil2 Capacitance
CRES
Vcoil=100mVRMS
f=10kHz
92.6
94.5
96.4
pF
Series resistance of CRES
RS
3
Power Supply Capacitor
Csup
140
pF
1) Maximum voltage is defined by forcing 10 mA on C1 - C2
Table 3
2) Measured between VDD and VSS
3) According to Figure 7
Block Diagram
Clock extractor
Divider Chain
Sequencer
Miller Code
Generator
Power
on
Reset
LASER
ROM
Modulator
HF Rectifier
Power Management
VDD
VSS
CSUP
+
AC2
AC1
-
CRES
C1
C2
Figure 4


Similar Part No. - H4006

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A02A IVO-H400.010A02A Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A02B IVO-H400.010A02B Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A03C IVO-H400.010A03C Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A03D IVO-H400.010A03D Datasheet
508Kb / 4P
   Totalizers mechanic
More results

Similar Description - H4006

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com