Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H4006 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part No. H4006
Description  13.56MHz 64 Data bit Read Only Contactless Identification Device
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMMICRO [EM Microelectronic - MARIN SA]
Homepage  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H4006 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  H4006 Datasheet HTML 1Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 2Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 3Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 4Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 5Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 6Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 7Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 8Page - EM Microelectronic - MARIN SA H4006 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EMMICROELECTRONIC-MARINSA
H4006
5
Memory Map
0
1
2
3
4
5
start
Wafer Number
6
7
8
9
Factory Reserved
10
11
12
13 14
15
16 17
18
19
IC Name
20
21
22
23 24
25
26 27
28
29 30
31
32
Customer ID
33
34
35
36 37
38
39 40
41
42 43
44
45
46 47
48
49 50
Extended lot number
51
52
53
54 55
56
57 58
59
60 61
62
63
64
IC position
65
66
67
68 69
70
71 72
73
74 75
76
77
78 79
80
81
Cyclic redundancy check
stop
Table 5
Wafer number
Each wafer has a number between 1 and 25. This
5 bit wafer number contains the wafer number
where the IC was.
Factory reserved bits
These 4 bits are reserved. Default value is 0hex.
IC name bits
They contains the 3 first characters device name.
For this device, the value is 006hex.
Customer ID bits
This field contains a code which is defined by
EM Microelectronic-Marin S.A. For standard
version, the code is 0001hex.
Extended lot number
The code on the chips is unique and reflects the
production lot number system of EM
Microelectronic. This numbering allows full
traceability of each chip.
IC position
These 14 bits give the precise position on the
processed wafer.
Cyclic redundancy check
The shift register is reset to all zero with each
Stop Bit.
CRC code is calculated on 64 data bits. The CRC
code is calculated according to CCITT / ISO
3309 - 1984 standarts. See figure 5 for principle
block schematic and generating polynomial of
the CRC code.
Start and stop bits
Start bit is set to logic 1 and stop bit is set to logic
0.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn