Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2612 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2612
Description  Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2612 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2612 Datasheet HTML 1Page - Vishay Siliconix DG2612 Datasheet HTML 2Page - Vishay Siliconix DG2612 Datasheet HTML 3Page - Vishay Siliconix DG2612 Datasheet HTML 4Page - Vishay Siliconix DG2612 Datasheet HTML 5Page - Vishay Siliconix DG2612 Datasheet HTML 6Page - Vishay Siliconix DG2612 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 74339
S-61509-Rev. A, 28-Aug-06
www.vishay.com
3
Vishay Siliconix
DG2612/2613
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
rON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
- 4
- 3
- 2
- 1
0
1
2
3
4
5
6
V+ = 1.8 V
V+ = 2.7 V
V+ = 3.0 V
V+ = 3.6 V
V+ = 2.0 V
VCOM – Analog Voltage (V)
T = 25 °C
IS = 10 mA
V+ = 4.5 V
V+ = 5.0 V
V+ = 5.5 V
10
100
1000
10000
100000
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
DG2612
VIN = 0 V
V+ = 3.6 V
V+ = 5.5 V
1
10
100
1000
10000
100000
- 60
- 40
- 20
0
20
40
60
80
100
V+ = 2.7 V
Temperature (°C)
ICOM(off)
ICOM(on)
INO(off)
rON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
Switching Time vs. Temperature and Supply Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 3
- 2
- 1
0
1
2
3
4
V+ = 2.7 V, IS = 10 mA
+ 85 °C
+ 25 °C
- 40 °C
VCOM – Analog Voltage (V)
10
100
1000
10000
100000
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
DG2613
VIN = 0 V
V+ = 3.6 V
V+ = 5.5 V
0
5
10
15
20
25
30
35
40
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
tOFF V+ = 3.0 V
tON V+ = 3.0 V


Similar Part No. - DG2612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2612 VISHAY-DG2612 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612 VISHAY-DG2612 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
DG2612DX-T1-E3 VISHAY-DG2612DX-T1-E3 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612DX-T1-E3 VISHAY-DG2612DX-T1-E3 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
More results

Similar Description - DG2612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_V01 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
   Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
   0.45 ?? Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
08-Feb-17
logo
Fairchild Semiconductor
FSA2367 FAIRCHILD-FSA2367 Datasheet
102Kb / 2P
   Low RON (0.75ohm) Triple-SPDT, Negative-Swing Audio Source Switch
FSA2269 FAIRCHILD-FSA2269 Datasheet
97Kb / 2P
   Low-Voltage Dual-SPDT (0.4ohm) Analog Switch with Negative Swing Audio Capability
FSA2269 FAIRCHILD-FSA2269_08 Datasheet
409Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com