Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
CLC031 Datasheet(PDF) 3 Page - National Semiconductor (TI)
[Old version datasheet]
Texas Instruments acquired National semiconductor.
Part No.
CLC031
Description
SMPTE
292M/259M
Digital
Video
Deserializer
/
Descrambler
with
Video
and
Ancilliary
Data
FIFOs
Download
31 Pages
Scroll/Zoom
100%
Maker
NSC [National Semiconductor (TI)]
Homepage
http://www.national.com
Logo
CLC031 Datasheet(HTML) 3 Page - National Semiconductor (TI)
zoom in
zoom out
3
/ 31 page
Block Diagram
20020102
www.national.com
3
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
MC74HC4316A
Quad
Analog
Switch/Multiplexer/Demultiplexer
with
Separate
Analog
and
Digital
Power
Supplies
1
2
3
4
5
More
ON Semiconductor
ADN2813
Continuous
Rate
10
Mb/s
to
1.25
Gb/s
Clock
and
Data
Recovery
IC
with
Integrated
Limiting
Amp
1
2
3
4
5
More
Analog Devices
AD1970
Digital
BTSC
Encoder
with
Integrated
ADC
and
DAC
1
2
3
4
5
More
Analog Devices
ADA4411-3
Integrated
Triple
Video
Filter
and
Buffer
with
Selectable
Cutoff
Frequencies
and
Multiplexed
Inputs
for
RGB
HD/SD
1
2
3
4
5
More
Analog Devices
ADN2804
622
Mbps
Clock
and
Data
Recovery
IC
with
Integrated
Limiting
Amplifier
1
2
3
4
5
More
Analog Devices
ZL50062
16K-Channel
Digital
Switch
with
High
Jitter
Tolerance
Single
Rate
2
4
8
or
16Mbps
and
64
Inputs
and
64
Outputs
1
2
3
4
5
More
Zarlink Semiconductor Inc
ADM1192
Digital
Power
Monitor
with
Clear
Pin
and
ALERT
Output
1
2
3
4
5
More
Analog Devices
FXL2TD245
Low
Voltage
Dual
Supply
2-Bit
Signal
Translator
with
Configurable
Voltage
Supplies
and
Signal
Levels
3-STATE
Outputs
and
Independent
1
2
3
4
5
More
Fairchild Semiconductor
74AVC16836A
20-bit
registered
driver
with
inverted
register
enable
and
Dynamic
Controlled
Outputs
3-State
1
2
3
4
5
More
NXP Semiconductors
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn