Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4860-1 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4860-1
Description  High Speed, Low Cost, Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4860-1 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4860-1 Datasheet HTML 4Page - Analog Devices ADA4860-1 Datasheet HTML 5Page - Analog Devices ADA4860-1 Datasheet HTML 6Page - Analog Devices ADA4860-1 Datasheet HTML 7Page - Analog Devices ADA4860-1 Datasheet HTML 8Page - Analog Devices ADA4860-1 Datasheet HTML 9Page - Analog Devices ADA4860-1 Datasheet HTML 10Page - Analog Devices ADA4860-1 Datasheet HTML 11Page - Analog Devices ADA4860-1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4860-1
Rev. 0 | Page 8 of 20
–40
–110
–100
–90
–80
–70
–60
–50
1
10
100
FREQUENCY (MHz)
VS = ±5V
G = +1
RF = 550Ω
VOUT = 3V p-p, HD3
VOUT = 3V p-p, HD2
VOUT = 2V p-p, HD3
VOUT = 2V p-p, HD2
Figure 16. Harmonic Distortion vs. Frequency
–40
–110
–100
–90
–80
–70
–60
–50
1
10
100
FREQUENCY (MHz)
VS = 5V
G = +1
RF = 550Ω
VOUT = 2V p-p, HD3
VOUT = 2V p-p, HD2
VOUT = 1V p-p, HD3
VOUT = 1V p-p, HD2
Figure 17. Harmonic Distortion vs. Frequency
–40
–110
–100
–90
–80
–70
–60
–50
1
10
100
FREQUENCY (MHz)
G = +1
RF = 550Ω
RL = 100Ω
VOUT = 2V p-p, HD2
VS = ±5V
VOUT = 1V p-p, HD2
VS = +5V
VOUT = 2V p-p, HD3
VS = ±5V
VOUT = 1V p-p, HD3
VS = +5V
Figure 18. Harmonic Distortion vs. Frequency for Various Supplies
–40
–110
–100
–90
–80
–70
–60
–50
1
10
100
FREQUENCY (MHz)
VS = ±5V
G = +2
RF = RG = 499Ω
VOUT = 3V p-p, HD2
VOUT = 2V p-p, HD2
VOUT = 2V p-p, HD3
VOUT = 3V p-p, HD3
Figure 19. Harmonic Distortion vs. Frequency
–40
–110
–100
–90
–80
–70
–60
–50
1
10
100
FREQUENCY (MHz)
VS = 5V
G = +2
RF = RG = 499Ω
VOUT = 2V p-p, HD3
VOUT = 2V p-p, HD2
VOUT = 1V p-p, HD3
VOUT = 1V p-p, HD2
Figure 20. Harmonic Distortion vs. Frequency
–40
–110
–100
–90
–80
–70
–60
–50
1
10
100
FREQUENCY (MHz)
G = +2
RF = RG = 499Ω
RL = 100Ω
VOUT = 1V p-p, HD2
VS = +5V
VOUT = 2V p-p, HD2
VS = ±5V
VOUT = 2V p-p, HD3
VS = ±5V
VOUT = 1V p-p, HD3
VS = +5V
Figure 21. Harmonic Distortion vs. Frequency for Various Supplies


Similar Part No. - ADA4860-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4860-1YRJZ-R21 AD-ADA4860-1YRJZ-R21 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1YRJZ-RL1 AD-ADA4860-1YRJZ-RL1 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1YRJZ-RL71 AD-ADA4860-1YRJZ-RL71 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1 AD-ADA4860-1_15 Datasheet
888Kb / 21P
   High Speed, Low Cost, Op Amp
REV. 0
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
More results

Similar Description - ADA4860-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1 AD-ADA4860-1_15 Datasheet
888Kb / 21P
   High Speed, Low Cost, Op Amp
REV. 0
ADA4861-3 AD-ADA4861-3_16 Datasheet
704Kb / 17P
   High Speed, Low Cost, Triple Op Amp
ADA4861-3 AD-ADA4861-3 Datasheet
687Kb / 16P
   High Speed, Low Cost, Triple Op Amp
REV. A
ADA4861-3 AD-ADA4861-3_15 Datasheet
848Kb / 17P
   High Speed, Low Cost, Triple Op Amp
REV. A
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com