Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADA4860-1 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADA4860-1
Description  High Speed, Low Cost, Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADA4860-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4860-1 Datasheet HTML 2Page - Analog Devices ADA4860-1 Datasheet HTML 3Page - Analog Devices ADA4860-1 Datasheet HTML 4Page - Analog Devices ADA4860-1 Datasheet HTML 5Page - Analog Devices ADA4860-1 Datasheet HTML 6Page - Analog Devices ADA4860-1 Datasheet HTML 7Page - Analog Devices ADA4860-1 Datasheet HTML 8Page - Analog Devices ADA4860-1 Datasheet HTML 9Page - Analog Devices ADA4860-1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4860-1
Rev. 0 | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
RL = 150 Ω and CL = 4 pF, unless otherwise noted.
2
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
VOUT = 0.2V p-p
G = +1, RF = 550Ω
G = +2, RF = RG = 499Ω
G = –1, RF = RG = 499Ω
G = +5, RF = 348Ω, RG = 86.6Ω
G = +10, RF = 348Ω, RG = 38.3Ω
Figure 4. Small Signal Frequency Response for Various Gains
2
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
VOUT = 2V p-p
G = –1, RF = RG = 499Ω
G = +1, RF = 550Ω
G = +2, RF = RG = 499Ω
G = +5, RF = 348Ω, RG = 86.6Ω
G = +10, RF = 348Ω, RG = 38.3Ω
Figure 5. Large Signal Frequency Response for Various Gains
6.3
6.2
6.1
6.0
5.9
5.8
5.7
5.6
5.5
5.4
5.3
0.1
1
10
100
1000
FREQUENCY (MHz)
G = +2
VOUT = 2V p-p
RF = RG = 499Ω
VS = +5V
VS = ±5V
Figure 6. Large Signal 0.1 dB Flatness
2
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = 5V
VOUT = 0.2V p-p
G = +1, RF = 550Ω
G = +2, RF = RG = 499Ω
G = –1, RF = RG = 499Ω
G = +5, RF = 348Ω, RG = 86.6Ω
G = +10, RF = 348Ω, RG = 38.3Ω
Figure 7. Small Signal Frequency Response for Various Gains
2
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = 5V
VOUT = 2V p-p
G = –1, RF = RG = 499Ω
G = +1, RF = 550Ω
G = +2, RF = RG = 499Ω
G = +5, RF = 348Ω, RG = 86.6Ω
G = +10, RF = 348Ω, RG = 38.3Ω
Figure 8. Large Signal Frequency Response for Various Gains
7
0
1
2
3
4
5
6
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
G = +2
RF = RG = 499Ω
VOUT = 4V p-p
VOUT = 2V p-p
VOUT = 1V p-p
Figure 9. Large Signal Frequency Response for Various Output Levels


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn