Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADA4000-1 Datasheet(PDF) 5 Page - Analog Devices

Part No. ADA4000-1
Description  Low Cost, Precision JFET Input Operational Amplifier in TSOT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADA4000-1 Datasheet(HTML) 5 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Technical Data
ADA4000-1
Rev. PrA | Page 5 of 8
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V/+36 V
Input Voltage
±V supply
Differential Input Voltage1
±V supply
Output Short-Circuit Duration to Gnd
Indefinite
Storage Temperature Range
UJZ, RZ Packages
−65°C to +150°C
Operating Temperature Range
ADA4000-1
−40°C to +125°C
Junction Temperature Range
UJZ, RZ Packages
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
+300°C
1 Differential input voltage is limited to ±5.0 volts or the supply voltage,
whichever is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, for a
device in socket for PDIP packages; a device soldered in a
circuit board for SOIC and TSSOP packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
5-Pin TSOT (UJZ)
°C/W
8-Pin SOIC (RZ)
158
43
°C/W


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn