Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

192P222X9080 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. 192P222X9080
Description  Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

192P222X9080 Datasheet(HTML) 2 Page - Vishay Siliconix

  192P222X9080 Datasheet HTML 1Page - Vishay Siliconix 192P222X9080 Datasheet HTML 2Page - Vishay Siliconix 192P222X9080 Datasheet HTML 3Page - Vishay Siliconix 192P222X9080 Datasheet HTML 4Page - Vishay Siliconix 192P222X9080 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
71
Type 192P Pacer
®
Vishay Sprague
Document Number: 42024
Revision 13-Nov-03
For technical questions, contact spresale@vishay.com
L
192P222X9080
192P272X9080
192P332X9080
192P392X9080
192P472X9080
192P562X9080
192P682X9080
192P822X9080
192P103X9080*
192P123X9080
192P153X9080
192P183X9080
192P223X9080*
192P273X9080
192P333X9080
192P393X9080
192P473X9080*
192P563X9080
192P683X9080
192P823X9080
192P104X9080*
192P124X9080
192P154X9080
192P184X9080
192P224X9080
192P274X9080
192P334X9080
192P394X9080
SIZE
D
80 VDC/55 VAC**
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.500 [12.700]
0.500 [12.700]
0.500 [12.700]
0.500 [12.700]
0.562 [14.275]
0.562 [14.275]
0.625 [15.875]
0.625 [15.875]
0.562 [14.275]
0.562 [14.275]
0.687 [17.450]
0.687 [17.450]
0.687 [17.450]
0.687 [17.450]
0.645 [16.383]
0.645 [16.383]
0.770 [19.558]
0.770 [19.558]
0.770 [19.558]
0.770 [19.558]
1.020 [25.908]
1.332 [33.833]
1.332 [33.833]
200 VDC/140 VAC**
0.00010
0.00012
0.00015
0.00018
0.00022
0.00027
0.00033
0.00039
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
Note: Shaded Part Numbers shown above are standard stock items available through the Vishay/Sprague® Distribution Network. Packaging for
these items is bulk, however tape and reel packaging is readily available on special order. Also, any non-standard Part Number may always be
ordered as a special. In addition, the four Part Numbers indicated by a * when ordered with a ± 5% capacitance tolerance (i.e. Part Number
192P103X5080) are also standard stock items.
**60Hz rms.
Pacer® is a registered trademark of Sprague®.
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.437 [11.100]
0.562 [14.275]
0.562 [14.275]
0.562 [14.275]
0.562 [14.275]
0.625 [15.875]
0.625 [15.875]
CAPACITANCE
(
µF)
PART NUMBER
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.153 [3.886]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.185 [4.699]
0.229 [5.817]
0.229 [5.817]
0.229 [5.817]
0.229 [5.817]
0.250 [6.350]
0.250 [6.350]
0.315 [8.00]
0.315 [8.00]
0.315 [8.00]
0.315 [8.00]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
0.343 [8.712]
192P101X9200
192P121X9200
192P151X9200
192P181X9200
192P221X9200
192P271X9200
192P331X9200
192P391X9200
192P471X9200
192P561X9200
192P681X9200
192P821X9200
192P102X9200
192P122X9200
192P152X9200
192P182X9200
192P222X9200
192P272X9200
192P332X9200
192P392X9200
192P472X9200
192P562X9200
192P682X9200
192P822X9200
192P103X9200
STANDARD RATINGS in inches [millimeters]


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn