Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9923A Datasheet(PDF) 70 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9923A Datasheet HTML 66Page - Analog Devices AD9923A Datasheet HTML 67Page - Analog Devices AD9923A Datasheet HTML 68Page - Analog Devices AD9923A Datasheet HTML 69Page - Analog Devices AD9923A Datasheet HTML 70Page - Analog Devices AD9923A Datasheet HTML 71Page - Analog Devices AD9923A Datasheet HTML 72Page - Analog Devices AD9923A Datasheet HTML 73Page - Analog Devices AD9923A Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
AD9923A
Rev. 0 | Page 70 of 88
Address
(Hex)
Data
Bits
Default
Value
Update
Type
Name
Description
01
[0]
0
SCK
DOUTDISABLE
0: data outputs are driven.
1: data outputs are three-stated.
[1]
0
DOUTLATCH
0: latch data outputs using DOUT PHASE register setting.
1: output latch is transparent.
[2]
0
GRAYEN
0: straight binary encoding of ADC digital output data.
1: enable gray encoding of ADC digital output data.
[3]
1
TEST
Set to 1.
04
[1:0]
1
VD
CDSGAIN
CDS gain setting.
0: −3 dB.
1: 0 dB.
2: +3 dB.
3: +6 dB.
05
[9:0]
F
VD
VGAGAIN
VGA gain. 6 dB to 42 dB (0.035 dB per step).
06
[9:0]
1EC
VD
CLAMPLEVEL
Optical black clamp level. 0 LSB to 256 LSB (0.25 LSB per step).


Similar Part No. - AD9923A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
More results

Similar Description - AD9923A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9925 AD-AD9925 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A Datasheet
73Kb / 2P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
ADDI9020 AD-ADDI9020 Datasheet
118Kb / 2P
   60 MHz CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpA
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
   14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com