Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9923A Datasheet(PDF) 68 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9923A Datasheet HTML 64Page - Analog Devices AD9923A Datasheet HTML 65Page - Analog Devices AD9923A Datasheet HTML 66Page - Analog Devices AD9923A Datasheet HTML 67Page - Analog Devices AD9923A Datasheet HTML 68Page - Analog Devices AD9923A Datasheet HTML 69Page - Analog Devices AD9923A Datasheet HTML 70Page - Analog Devices AD9923A Datasheet HTML 71Page - Analog Devices AD9923A Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
AD9923A
Rev. 0 | Page 68 of 88
UPDATING NEW REGISTER VALUES
The AD9923A internal registers are updated at different times,
depending on the particular register. Table 44 summarizes the
four types of register updates. The register listing (Table 45
through Table 57) also contain a column with update type to
identify when each register is updated:
SCK Updated
—Some registers are updated when the 28th
data bit (D27) is written. These registers are used for
functions, such as power-up and reset, that do not require
gating with the next VD boundary.
VD Updated
—Many of the registers are updated at the
next VD falling edge. By updating these values at the next
VD edge, the current field is not corrupted, and the new
register values are applied to the next field. The VD update
can be further delayed, past the VD falling edge, by using
the UPDATE register (Address 0x18). This delays the
VD-updated register updates to any desired HD line in the
field. Note that the field registers are not affected by the
UPDATE register.
SG Updated
—A few shutter registers are updated at the
HD falling edge at the end of an SG active line. These
registers control the SUBCK signal; therefore, the SUBCK
output is not updated until the SG line is complete.
SCP Updated
—All V-pattern and V-sequence registers are
updated at the next SCP where they will be used. For
example, in Figure 88, this field has selected Region 1 to
use V-Sequence 3 for the vertical outputs; therefore, a write
to a V-Sequence 3 or V-pattern group register, which is
referenced by V-Sequence 3, is updated at SCP 1. If there
are multiple writes to the same register, only the last one
before SCP1 is updated. Likewise, a register write to a
V-Sequence 5 register is updated at SCP 2, and a register
write to a V-Sequence 8 register is updated at SCP 3.
Table 44. Register Update Locations
Update
Type
Description
SCK
Register is immediately updated when the 28th data
bit (D27) is written.
VD
Register is updated at the VD falling edge. VD
updated registers can be delayed further by using the
UPDATE register at Address 0x18. Field registers are
not affected by the UPDATE register.
SG
Register is updated at the HD falling edge at the end
of the SG active line.
SCP
Register is updated at the next SCP when the register
is used.
VD
REGION 0
HD
SCP 1
SCP 2
SCP 3
REGION 1
REGION 2
REGION 3
VSG
SGLINE
SCP 0
SERIAL
WRITE
SCK
UPDATED
SCP 0
VD
UPDATED
SG
UPDATED
SCP
UPDATED
V1A TO V10
USE VSEQ2
USE VSEQ3
USE VSEQ5
USE VSEQ8
Figure 88. Register Update Locations (See Table 44 for Definitions)


Similar Part No. - AD9923A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
More results

Similar Description - AD9923A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9925 AD-AD9925 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9920A AD-AD9920A Datasheet
73Kb / 2P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
ADDI9020 AD-ADDI9020 Datasheet
118Kb / 2P
   60 MHz CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpA
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
   14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com