Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9704 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9704
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9704 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9704 Datasheet HTML 37Page - Analog Devices AD9704 Datasheet HTML 38Page - Analog Devices AD9704 Datasheet HTML 39Page - Analog Devices AD9704 Datasheet HTML 40Page - Analog Devices AD9704 Datasheet HTML 41Page - Analog Devices AD9704 Datasheet HTML 42Page - Analog Devices AD9704 Datasheet HTML 43Page - Analog Devices AD9704 Datasheet HTML 44Page - Analog Devices AD9704 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 41 of 52
DIFFERENTIAL BUFFERED OUTPUT
USING AN OP AMP
A dual op amp (see the circuit shown in Figure 92) can be used
in a differential version of the single-ended buffer shown in
Figure 91. The same R-C network is used to form a 1-pole
differential, low-pass filter to isolate the op amp inputs from the
high frequency images produced by the DAC outputs. The feed-
back resistors, RFB, determine the peak differential output
voltage by the formula
FS
FB
OUT
I
R
V
×
=
The maximum and minimum voltages out of the amplifier are
)
1
(
B
FB
REF
MAX
R
R
V
V
+
×
=
OUT
MAX
MIN
V
V
V
=
respectively. The common-mode voltage of the output is
determined by the formula
2
OUT
MAX
CM
V
V
V
=
AD9704/AD9705
AD9706/AD9707
IOUTA
IOUTB
RFB
ADA4841
VOUT
REFIO 23
21
RS
OTCM 19
CF
C
ADA4841
RFB
RB
CF
RS
RB
20
Figure 92. Single-Supply Differential Buffer


Similar Part No. - AD9704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9704 AD-AD9704 Datasheet
1Mb / 42P
   Digital-to-Analog Converters
AD9704-DPG2-EBZ AD-AD9704-DPG2-EBZ Datasheet
1Mb / 42P
   Digital-to-Analog Converters
AD9704BCPZ AD-AD9704BCPZ Datasheet
1Mb / 42P
   Digital-to-Analog Converters
AD9704BCPZRL7 AD-AD9704BCPZRL7 Datasheet
1Mb / 42P
   Digital-to-Analog Converters
AD9704 AD-AD9704_17 Datasheet
1Mb / 42P
   Digital-to-Analog Converters
More results

Similar Description - AD9704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9734 AD-AD9734 Datasheet
934Kb / 42P
   14/12/10-Bit, 1200 MSPS D/A Converters
Rev. PrJ 9/7/2004
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9742 AD-AD9742 Datasheet
783Kb / 20P
   12-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
   8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com