Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8364 Datasheet(PDF) 40 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD8364 Datasheet HTML 36Page - Analog Devices AD8364 Datasheet HTML 37Page - Analog Devices AD8364 Datasheet HTML 38Page - Analog Devices AD8364 Datasheet HTML 39Page - Analog Devices AD8364 Datasheet HTML 40Page - Analog Devices AD8364 Datasheet HTML 41Page - Analog Devices AD8364 Datasheet HTML 42Page - Analog Devices AD8364 Datasheet HTML 43Page - Analog Devices AD8364 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
AD8364
Rev. 0 | Page 40 of 48
EVALUATION AND CHARACTERIZATION
CIRCUIT BOARD LAYOUTS
There are two evaluation boards for the AD8364, one
appropriate for low frequency work (AD8364-EVAL-500) and
another one designed for use at 2140 MHz (AD8364-EVAL-
2140). Each board has a balun specific to operation in the
designated frequency range. The RF area layout of the circuit
board used for characterization work at 880 MHz is included in
this section, showing the footprint of the recommended balun
(Mini-Circuits JTX-4-10T) and trace lengths used. The user
may obtain different performance than shown in this data sheet
if their layout dimensions and style differ.
Figure 84. AD8364-EVAL-500 Evaluation Board RF Area Layout


Similar Part No. - AD8364

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8364 AD-AD8364 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364-EVALZ AD-AD8364-EVALZ Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364ACPZ-R2 AD-AD8364ACPZ-R2 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364ACPZ-REEL7 AD-AD8364ACPZ-REEL7 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364ACPZ-WP AD-AD8364ACPZ-WP Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
More results

Similar Description - AD8364

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
AD8362 AD-AD8362 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361 AD-AD8361 Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com