Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8224-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8224-EVALZ
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8224-EVALZ Datasheet HTML 4Page - Analog Devices AD8224-EVALZ Datasheet HTML 5Page - Analog Devices AD8224-EVALZ Datasheet HTML 6Page - Analog Devices AD8224-EVALZ Datasheet HTML 7Page - Analog Devices AD8224-EVALZ Datasheet HTML 8Page - Analog Devices AD8224-EVALZ Datasheet HTML 9Page - Analog Devices AD8224-EVALZ Datasheet HTML 10Page - Analog Devices AD8224-EVALZ Datasheet HTML 11Page - Analog Devices AD8224-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
AD8224
Preliminary Technical Data
VS + = 5 V, VS− = 0 V, VREF = 2.5 V, TA = +25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
Table 6. Single-Ended Output Configuration—Dynamic Performance (Both Amplifiers)
A Grade
Parameter
Conditions
Min
Typ
Max
DYNAMIC RESPONSE
Small Signal Bandwidth −3 dB
G = 1
TBD
G = 10
TBD
G = 100
TBD
G =1000
TBD
Settling Time 0.01%
G = 1
3 V Step
TBD
G = 10
4 V Step
TBD
G = 100
4 V Step
TBD
G =1000
4 V Step
TBD
Settling Time 0.001%
G = 1
3 V Step
TBD
G = 10
4 V Step
TBD
G = 100
4 V Step
TBD
G =1000
4 V Step
TBD
Slew Rate
G = 1 to 100
TBD
VS + = 5 V, VS− = 0 V, VREF = 2.5 V, TA = +25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
Table 7. Differential Output Configuration1—Dynamic Performance
Parameter
Conditions
Min
A Grade
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal Bandwidth −3 dB
G = 1
TBD
kHz
G = 10
TBD
kHz
G = 100
TBD
kHz
G =1000
TBD
kHz
Settling Time 0.01%
G = 1
3 V Step
TBD
μs
G = 10
4 V Step
TBD
μs
G = 100
4 V Step
TBD
μs
G =1000
4 V Step
TBD
μs
Settling Time 0.001%
G = 1
3 V Step
TBD
μs
G = 10
4 V Step
TBD
μs
G = 100
4 V Step
TBD
μs
G =1000
4 V Step
TBD
μs
Slew Rate
G = 1 to 100
TBD
V/μs
1 Refers to differential configuration shown in Figure 64.
Rev. PrB | Page 8 of 27


Similar Part No. - AD8224-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8224-EVALZ AD-AD8224-EVALZ Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224-EVALZ AD-AD8224-EVALZ Datasheet
838Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224-EVALZ AD-AD8224-EVALZ Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
More results

Similar Description - AD8224-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224 AD-AD8224_16 Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
838Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220 Datasheet
1Mb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. 0
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220 AD-AD8220_16 Datasheet
610Kb / 29P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI-INA326_07 Datasheet
612Kb / 23P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com