Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8333 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8333
Description  DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8333 Datasheet(HTML) 3 Page - Analog Devices

  AD8333 Datasheet HTML 1Page - Analog Devices AD8333 Datasheet HTML 2Page - Analog Devices AD8333 Datasheet HTML 3Page - Analog Devices AD8333 Datasheet HTML 4Page - Analog Devices AD8333 Datasheet HTML 5Page - Analog Devices AD8333 Datasheet HTML 6Page - Analog Devices AD8333 Datasheet HTML 7Page - Analog Devices AD8333 Datasheet HTML 8Page - Analog Devices AD8333 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD8333
Rev. A | Page 3 of 28
SPECIFICATIONS
VS = ±5 V, TA = 25°C, 4 fLO = 20 MHz, fRF = 5.01 MHz, fBB = 10 kHz, PLO ≥ 0 dBm, single-ended, sine wave; per channel performance,
dBm (50 Ω), unless otherwise noted (see Figure 41).
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OPERATING CONDITIONS
LO Frequency Range
4× internal LO at Pin 4LOP and Pin 4LON
Square wave
0.01
200
MHz
Sine wave, see Figure 22
2
200
MHz
RF Frequency Range
Mixing
DC
50
MHz
Baseband Bandwidth
Limited by external filtering
DC
50
MHz
LO Input Level
See Figure 22
0
13
dBm
VSUPPLY (VS)
±4.5
±5
±6
V
Temperature Range
−40
+85
°C
DEMODULATOR PERFORMANCE
RF Differential Input Impedance
6.7||6.5
kΩ||pF
LO Differential Input Capacitance
0.6
pF
Transconductance
Demodulated IOUT/VIN, each Ix or Qx output after low-pass
filtering measured from RF inputs
All phases
2.17
mS
Dynamic Range
IP1dB, input referred noise (dBm)
161
dB/Hz
Maximum RF Input Swing
Differential; inputs biased at 2.5 V; Pin RFxP and Pin RFxN
2.8
V p-p
Peak Output Current (No Filtering)
0° phase shift
±4.7
mA
45° phase shift
±6.6
mA
Input P1dB
Ref = 50 Ω
14.5
dBm
Ref = 1 VRMS
1.5
dBV
Third-Order Intermodulation (IM3)
fRF1 = 5.010 MHz, fRF2 = 5.015 MHz, fLO = 5.023 MHz
Equal Input Levels
Baseband tones: −7 dBm @ 8 kHz and 13 kHz
−75
dBc
Unequal Input Levels
Baseband tones: −1 dBm @ 8 kHz and −31 dBm @ 13 kHz
−77
dBc
Third-Order Input Intercept (IP3)
Same conditions as IM3
30
dBm
LO Leakage
Measured at RF inputs, worst phase, measured into50 Ω
(limited by measurement)
<−97
dBm
Measured at baseband outputs, worst phase, 8021 disabled,
measured into 50 Ω
−60
dBm
Conversion Gain
All codes, see Figure 41
4.7
dB
Input Referred Noise
Output noise/conversion gain, see Figure 41
10
nV/√Hz
Output Current Noise
Output noise ÷ 787 Ω
22
pA/√Hz
Noise Figure
With AD8332 LNA
RS = 50 Ω, RFB = ∞
7.8
dB
RS = 50 Ω, RFB = 1.1 k Ω
9.0
dB
RS = 50 Ω, RFB = 274 Ω
11.0
dB
Bias Current
Pin 4LOP and Pin 4LON
−3
μA
Pin RFxP and Pin RFxN
−70
μA
LO Common-Mode Voltage Range
Pin 4LOP and Pin 4LON (each pin)
0.2
3.8
V
RF Common-Mode Voltage
For maximum differential swing; Pin RFxP and Pin RFxN
(dc-coupled to AD8332 LNA output)
2.5
V
Output Compliance Range
Pin IxPO and Pin QxPO
−1.5
+0.7
V


Similar Part No. - AD8333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
More results

Similar Description - AD8333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
   DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Tyco Electronics
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
EKIN2-70D MACOM-EKIN2-70D_1 Datasheet
62Kb / 2P
   E-Series I/Q Demodulator 70 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com