Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8128 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8128
Description  CAT-5 Receiver with Adjustable Line Equalization
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8128 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8128 Datasheet HTML 3Page - Analog Devices AD8128 Datasheet HTML 4Page - Analog Devices AD8128 Datasheet HTML 5Page - Analog Devices AD8128 Datasheet HTML 6Page - Analog Devices AD8128 Datasheet HTML 7Page - Analog Devices AD8128 Datasheet HTML 8Page - Analog Devices AD8128 Datasheet HTML 9Page - Analog Devices AD8128 Datasheet HTML 10Page - Analog Devices AD8128 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8128
Rev. 0 | Page 7 of 12
1.5
–1.5
0
200
TIME (ns)
1.0
0.5
0
–0.5
–1.0
20
40
60
80
100
120
140
160
180
VPEAK AND VGAIN SETTINGS ARE
CONSISTENT WITH OPTIMIZED
SETTINGS IN FIGURE 4
Figure 10. Equalized Pulse Response for 100 M of Cable
40
–40
–4
4
VIN, CM (V)
30
20
10
0
–10
–20
–30
–3
–2
–1
0
1
2
3
Figure 11. Output Voltage vs. Common-Mode Input Voltage
100
10
0.1
1k
FREQUENCY (MHz)
1
10
100
VPEAK =0V
VGAIN =0V
VPEAK =0.9V
VGAIN = 0.225V
Figure 12. Voltage Noise vs. Frequency
1.8
0
0
1.0
VPEAK (V)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VGAIN SETTINGS ARE CONSISTENT
WITH OPTIMIZED SETTINGS IN FIGURE 4
Figure 13. Integrated Voltage Noise vs. VPEAK
6
–6
0
500
TIME (ns)
4
2
0
–2
–4
50
100
150
200
250
300
350
400
450
VPEAK =0V
VGAIN =0V
OUTPUT
INPUT
Figure 14. Overdrive Recovery Time
20
–80
0.1
1k
FREQUENCY (MHz)
1
10
100
10
0
–10
–20
–30
–40
–50
–60
–70
VGAIN =1V
VPEAK =1V
VGAIN =0V
VPEAK =0V
Figure 15. Common-Mode Rejection vs. Frequency


Similar Part No. - AD8128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8128 AD-AD8128 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
AD8128ACPZ-R2 AD-AD8128ACPZ-R2 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
AD8128ACPZ-R7 AD-AD8128ACPZ-R7 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
AD8128ACPZ-RL AD-AD8128ACPZ-RL Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
More results

Similar Description - AD8128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
AD8123 AD-AD8123_16 Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8123 AD-AD8123 Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. 0
AD8124 AD-AD8124 Datasheet
324Kb / 16P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
REV. 0
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
logo
Level One
ADE-8011 LVL1-ADE-8011 Datasheet
207Kb / 2P
   Cat.5 Audio Transmitter/Receiver
HVE-9111 LVL1-HVE-9111 Datasheet
388Kb / 2P
   HDMI over Cat.5 Receiver, 300m
logo
IOGEAR
GH8201ER IOGEAR-GH8201ER Datasheet
136Kb / 2P
   Cat 5e / Cat 6 Receiver with HDMI connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com