Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XA-G37 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # XA-G37
Description  XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XA-G37 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button XA-G37 Datasheet HTML 21Page - NXP Semiconductors XA-G37 Datasheet HTML 22Page - NXP Semiconductors XA-G37 Datasheet HTML 23Page - NXP Semiconductors XA-G37 Datasheet HTML 24Page - NXP Semiconductors XA-G37 Datasheet HTML 25Page - NXP Semiconductors XA-G37 Datasheet HTML 26Page - NXP Semiconductors XA-G37 Datasheet HTML 27Page - NXP Semiconductors XA-G37 Datasheet HTML 28Page - NXP Semiconductors XA-G37 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Philips Semiconductors
Product data
XA-G37
XA 16-bit microcontroller family
32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
23
AC ELECTRICAL CHARACTERISTICS (VDD = 2.7 V TO 4.5 V)
Tamb = 0 to +70 °C for commercial, –40 °C to +85 °C for industrial.
SYMBOL
FIGURE
PARAMETER
VARIABLE CLOCK
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
Address Cycle
tCRAR
21
Delay from clock rising edge to ALE rising edge
15
60
ns
tLHLL
16
ALE pulse width (programmable)
(V1 * tC) – 10
ns
tAVLL
16
Address valid to ALE de-asserted (set-up)
(V1 * tC) – 18
ns
tLLAX
16
Address hold after ALE de-asserted
(tC/2) – 12
ns
Code Read Cycle
tPLPH
16
PSEN pulse width
(V2 * tC) – 12
ns
tLLPL
16
ALE de-asserted to PSEN asserted
(tC/2) – 9
ns
tAVIVA
16
Address valid to instruction valid, ALE cycle (access time)
(V3 * tC) – 58
ns
tAVIVB
17
Address valid to instruction valid, non-ALE cycle (access time)
(V4 * tC) – 52
ns
tPLIV
16
PSEN asserted to instruction valid (enable time)
(V2 * tC) – 52
ns
tPXIX
16
Instruction hold after PSEN de-asserted
0
ns
tPXIZ
16
Bus 3-State after PSEN de-asserted (disable time)
tC – 8
ns
tIXUA
16
Hold time of unlatched part of address after instruction latched
0
ns
Data Read Cycle
tRLRH
18
RD pulse width
(V7 * tC) – 12
ns
tLLRL
18
ALE de-asserted to RD asserted
(tC/2) – 9
ns
tAVDVA
18
Address valid to data input valid, ALE cycle (access time)
(V6 * tC) – 58
ns
tAVDVB
19
Address valid to data input valid, non-ALE cycle (access time)
(V5 * tC) – 52
ns
tRLDV
18
RD low to valid data in, enable time
(V7 * tC) – 52
ns
tRHDX
18
Data hold time after RD de-asserted
0
ns
tRHDZ
18
Bus 3-State after RD de-asserted (disable time)
tC – 8
ns
tDXUA
18
Hold time of unlatched part of address after data latched
0
ns
Data Write Cycle
tWLWH
20
WR pulse width
(V8 * tC) – 12
ns
tLLWL
20
ALE falling edge to WR asserted
(V12 * tC) – 10
ns
tQVWX
20
Data valid before WR asserted (data setup time)
(V13 * tC) – 28
ns
tWHQX
20
Data hold time after WR de-asserted (Note 6)
(V11 * tC) – 8
ns
tAVWL
20
Address valid to WR asserted (address setup time) (Note 5)
(V9 * tC) – 28
ns
tUAWH
20
Hold time of unlatched part of address after WR is de-asserted
(V11 * tC) – 10
ns
Wait Input
tWTH
21
WAIT stable after bus strobe (RD, WR, or PSEN) asserted
(V10 * tC) – 40
ns
tWTL
21
WAIT hold after bus strobe (RD, WR, or PSEN) assertion
(V10 * tC) – 5
ns
NOTES:
1. Load capacitance for all outputs = 80 pF.
2. Variables V1 through V13 reflect programmable bus timing, which is programmed via the Bus Timing registers (BTRH and BTRL).
Refer to the
XA User Guide for details of the bus timing settings.
V1)
This variable represents the programmed width of the ALE pulse as determined by the ALEW bit in the BTRL register.
V1 = 0.5 if the ALEW bit = 0, and 1.5 if the ALEW bit = 1.
V2)
This variable represents the programmed width of the PSEN pulse as determined by the CR1 and CR0 bits or the CRA1, CRA0, and
ALEW bits in the BTRL register.
For a bus cycle with no ALE, V2 = 1 if CR1/0 = 00, 2 if CR1/0 = 01, 3 if CR1/0 = 10, and 4 if CR1/0 = 11. Note that during burst
mode code fetches, PSEN does not exhibit transitions at the boundaries of bus cycles. V2 still applies for the purpose of
determining peripheral timing requirements.
For a bus cycle with an ALE, V2 = the total bus cycle duration (2 if CRA1/0 = 00, 3 if CRA1/0 = 01, 4 if CRA1/0 = 10,
and 5 if CRA1/0 = 11) minus the number of clocks used by ALE (V1 + 0.5).
Example:
If CRA1/0 = 10 and ALEW = 1, the V2 = 4 – (1.5 + 0.5) = 2.


Similar Part No. - XA-G37

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
More results

Similar Description - XA-G37

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
87C524 PHILIPS-87C524 Datasheet
186Kb / 26P
   80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
   XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
XA-S3 PHILIPS-XA-S3 Datasheet
295Kb / 52P
   XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
2000 Dec 01
XA-C3 PHILIPS-XA-C3 Datasheet
368Kb / 68P
   XA 16-bit microcontroller family 32K/1024 OTP CAN transport layer controller 1 UART, 1 SPI Port, CAN 2.0B, 32 CAN ID Filters, transport layer co-proce
2000 Jan 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com