Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XA-G37 Datasheet(PDF) 23 Page - NXP Semiconductors

Part No. XA-G37
Description  XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XA-G37 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button XA-G37 Datasheet HTML 19Page - NXP Semiconductors XA-G37 Datasheet HTML 20Page - NXP Semiconductors XA-G37 Datasheet HTML 21Page - NXP Semiconductors XA-G37 Datasheet HTML 22Page - NXP Semiconductors XA-G37 Datasheet HTML 23Page - NXP Semiconductors XA-G37 Datasheet HTML 24Page - NXP Semiconductors XA-G37 Datasheet HTML 25Page - NXP Semiconductors XA-G37 Datasheet HTML 26Page - NXP Semiconductors XA-G37 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Philips Semiconductors
Product data
XA-G37
XA 16-bit microcontroller family
32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
21
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNIT
Operating temperature under bias
–55 to +125
°C
Storage temperature range
–65 to +150
°C
Voltage on EA/VPP pin to VSS
0 to +13.0
V
Voltage on any other pin to VSS
–0.5 to VDD+0.5 V
V
Maximum IOL per I/O pin
15
mA
Power dissipation (based on package heat transfer limitations, not device power consumption)
1.5
W
DC ELECTRICAL CHARACTERISTICS
VDD = 2.7 V to 5.5 V unless otherwise specified; VDD = Tamb = 0 to 70 °C for commercial, –40 °C to +85 °C for industrial, unless otherwise
specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
IDD
Supply current operating9,10
fosc = 30 MHz
60
80
mA
IID
Idle mode supply current9,10
fosc = 30 MHz
22
30
mA
IPD
Power-down current
15
100
mA
IPDI
Power-down current (–40
°C to +85°C)
150
mA
VRAM
RAM-keep-alive voltage
RAM-keep-alive voltage
1.5
V
VIL
Input low voltage
–0.5
0.22 VDD
V
VIH
Input high voltage except XTAL1 RST
At 5.0 V
2.2
V
VIH
In ut high voltage, exce t XTAL1, RST
At 3.3 V
2
V
VIH1
Input high voltage to XTAL1, RST
For both 3.0 & 5.0 V
0.7 VDD
V
VOL
Output low voltage all ports ALE PSEN3
IOL = 3.2mA, VDD = 5.0 V
0.5
V
VOL
Out ut low voltage all orts, ALE, PSEN3
1.0mA, VDD = 3.0 V
0.4
V
VOH1
Output high voltage all ports ALE PSEN1
IOH = –100mA, VDD = 4.5 V
2.4
V
VOH1
Out ut high voltage all orts, ALE, PSEN1
IOH = –15mA, VDD = 2.7 V
2.0
V
VOH2
Output high voltage ports P0–3 ALE PSEN2
IOH = 3.2mA, VDD = 4.5 V
2.4
V
VOH2
Out ut high voltage, orts P0–3, ALE, PSEN2
IOH = 1mA, VDD = 2.7 V
2.2
V
CIO
Input/Output pin capacitance
15
pF
IIL
Logical 0 input current, P0–36
VIN = 0.45 V
–25
–75
mA
ILI
Input leakage current, P0–35
VIN = VIL or VIH
±10
mA
ITL
Logical 1 to 0 transition current all ports4
At 5.5 V
–650
mA
NOTES:
1. Ports in Quasi bi-directional mode with weak pull-up (applies to ALE, PSEN only during RESET).
2. Ports in Push-Pull mode, both pull-up and pull-down assumed to be same strength
3. In all output modes
4. Port pins source a transition current when used in quasi-bidirectional mode and externally driven from 1 to 0. This current is highest when
VIN is approximately 2 V.
5. Measured with port in high impedance output mode.
6. Measured with port in quasi-bidirectional output mode.
7. Load capacitance for all outputs=80 pF.
8. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15 mA (*NOTE: This is 85
°C specification for VDD = 5 V.)
Maximum IOL per 8-bit port:
26 mA
Maximum total IOL for all output: 71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
9. See Figures 25, 26, 29, and 30 for IDD test conditions, and Figures 27 and 28 for ICC vs. Frequency.
Max. 5 V Active IDD = (fosc * 1.77 mA) + 7 mA
Max. 5 V Idle IDD = (fosc * 0.87 mA) + 4 mA
Max. 3 V Active IDD = (fosc * 0.77 mA) + 7 mA
Max. 3 V Idle IDD = (fosc * 0.54 mA) + 4 mA
10. VDDMIN = 2.85 V for operating at fOSC = 30 MHz and –40 °C to +85 °C


Similar Part No. - XA-G37

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
More results

Similar Description - XA-G37

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
Macronix International
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
NXP Semiconductors
NXP Semiconductors
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
87C524 PHILIPS-87C524 Datasheet
186Kb / 26P
   80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
   XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
Freescale Semiconductor, Inc
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
NXP Semiconductors
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
295Kb / 52P
   XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
2000 Dec 01
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz