Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7938-6CB Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-AD7938-6CB
Description  8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7938-6CB Datasheet(HTML) 5 Page - Analog Devices

  EVAL-AD7938-6CB Datasheet HTML 1Page - Analog Devices EVAL-AD7938-6CB Datasheet HTML 2Page - Analog Devices EVAL-AD7938-6CB Datasheet HTML 3Page - Analog Devices EVAL-AD7938-6CB Datasheet HTML 4Page - Analog Devices EVAL-AD7938-6CB Datasheet HTML 5Page - Analog Devices EVAL-AD7938-6CB Datasheet HTML 6Page - Analog Devices EVAL-AD7938-6CB Datasheet HTML 7Page - Analog Devices EVAL-AD7938-6CB Datasheet HTML 8Page - Analog Devices EVAL-AD7938-6CB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD7938-6
Rev. 0 | Page 5 of 32
TIMING SPECIFICATIONS1
VDD = VDRIVE = 2.7 V to 5.25 V, internal/external VREF = 2.5 V, unless otherwise noted; FCLKIN = 10MHz, FSAMPLE = 625 kSPS; TA = TMIN to
TMAX, unless otherwise noted.
Table 2.
Limit at TMIN, TMAX
Parameter
AD7938-6
Unit
Description
fCLKIN
50
kHz min
10
MHz max
tQUIET
30
ns min
Minimum time between end of read and start of next conversion, i.e., time from
when the data bus goes into three-state until the next falling edge of CONVST.
t1
10
ns min
CONVST Pulse Width.
t2
15
ns min
CONVST Falling Edge to CLKIN Falling Edge Setup Time.
t3
50
ns min
CLKIN Falling Edge to BUSY Rising Edge.
t4
0
ns min
CS to WR Setup Time.
t5
0
ns min
CS to WR Hold Time.
t6
10
ns min
WR Pulse Width.
t7
10
ns min
Data Setup Time before WR.
t8
10
ns min
Data Hold after WR.
t9
10
ns min
New Data Valid before Falling Edge of BUSY.
t10
0
ns min
CS to RD Setup Time.
t11
0
ns min
CS to RD Hold Time.
t12
30
ns min
RD Pulse Width.
t132
30
ns max
Data Access Time after RD.
t143
3
ns min
Bus Relinquish Time after RD.
50
ns max
Bus Relinquish Time after RD.
t15
0
ns min
HBEN to RD Setup Time.
t16
0
ns min
HBEN to RD Hold Time.
t17
10
ns min
Minimum Time between Reads/Writes.
t18
0
ns min
HBEN to WR Setup Time.
t19
10
ns min
HBEN to WR Hold Time.
t20
40
ns max
CLKIN Falling Edge to BUSY Falling Edge.
t21
15.7
ns min
CLKIN Low Pulse Width.
t22
7.8
ns min
CLKIN High Pulse Width.
1 Sample tested during initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
All timing specifications given above are with a 25 pF load capacitance (see
,
,
, and
).
Figure 35 Figure 36 Figure 37
Figure 38
2 The time required for the output to cross 0.4 V or 2.4 V.
3 t14 is derived from the measured time taken by the data outputs to change 0.5 V. The measured number is then extrapolated back to remove the effects of charging or
discharging the 25 pF capacitor. This means that the time, t14, quoted in the timing characteristics is the true bus relinquish time of the part and is independent of the
bus loading.


Similar Part No. - EVAL-AD7938-6CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7938CBZ AD-EVAL-AD7938CBZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
More results

Similar Description - EVAL-AD7938-6CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7934-6 AD-AD7934-6 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com