Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTUB32866 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SSTUB32866
Description  1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTUB32866 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SSTUB32866 Datasheet HTML 21Page - NXP Semiconductors SSTUB32866 Datasheet HTML 22Page - NXP Semiconductors SSTUB32866 Datasheet HTML 23Page - NXP Semiconductors SSTUB32866 Datasheet HTML 24Page - NXP Semiconductors SSTUB32866 Datasheet HTML 25Page - NXP Semiconductors SSTUB32866 Datasheet HTML 26Page - NXP Semiconductors SSTUB32866 Datasheet HTML 27Page - NXP Semiconductors SSTUB32866 Datasheet HTML 28Page - NXP Semiconductors SSTUB32866 Datasheet HTML 29Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
SSTUB32866_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 9 October 2006
27 of 29
NXP Semiconductors
SSTUB32866
1.8 V DDR2-800 configurable registered buffer with parity
15. Revision history
Table 16.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SSTUB32866_2
20061009
Product data sheet
-
SSTUB32866_1
Modifications:
The format of this data sheet has been redesigned to comply with the new identity guidelines of
NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
• Table 1 “Ordering information”: added Type number SSTUB32866EC/S
added Section 4.1 “Ordering options”
• Figure 3 “Pin configuration for LFBGA96” modified (added Type number SSTUB32866EC/S)
• Table 7 “Recommended operating conditions”, Symbol Tamb: added separate specifications for
SSTUB32866EC/G and SSTUB32866EC/S
• Table 9 “Timing requirements”, description below table title: changed “See Figure 2.” to
“See Section 11.1.”
• Table 10 “Switching characteristics”:
– changed parameter description of tPDM from “propagation delay” to “peak propagation delay”
– changed parameter description of tPDMSS from “simultaneous switching propagation delay” to
“simultaneous switching peak propagation delay”
• Figure 26 “Partial parity out voltage waveforms; propagation delay times with respect to RESET
input”, 4th note: changed “VIL =VDD” to “VIL = GND”
SSTUB32866_1
20060518
Product data sheet
-
-


Similar Part No. - SSTUB32866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUB32866 NXP-SSTUB32866 Datasheet
248Kb / 30P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-15 April 2010
SSTUB32866EC/G NXP-SSTUB32866EC/G Datasheet
248Kb / 30P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-15 April 2010
SSTUB32866EC/S NXP-SSTUB32866EC/S Datasheet
248Kb / 30P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-15 April 2010
SSTUB32866 NXP-SSTUB32866_10 Datasheet
248Kb / 30P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-15 April 2010
More results

Similar Description - SSTUB32866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUB32866 NXP-SSTUB32866_10 Datasheet
248Kb / 30P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-15 April 2010
SSTU32866 PHILIPS-SSTU32866 Datasheet
166Kb / 29P
   1.8 V 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 02-11 November 2004
SSTUM32866 NXP-SSTUM32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-29 June 2007
SSTUA32866 NXP-SSTUA32866 Datasheet
161Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-26 March 2007
SSTUA32866 PHILIPS-SSTUA32866 Datasheet
143Kb / 27P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 01-15 July 2005
SSTUH32866 PHILIPS-SSTUH32866 Datasheet
158Kb / 28P
   1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 01-13 May 2005
SSTUM32868 NXP-SSTUM32868 Datasheet
177Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-2 March 2007
SSTUB32868 NXP-SSTUB32868 Datasheet
264Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-22 April 2010
SSTUB32865 NXP-SSTUB32865 Datasheet
163Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-800 RDIMM applications
Rev. 03-27 March 2007
SSTUM32865 NXP-SSTUM32865 Datasheet
152Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-800 RDIMM applications
Rev. 01-19 September 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com