Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7995 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7995
Description  4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7995 Datasheet(HTML) 3 Page - Analog Devices

  AD7995 Datasheet HTML 1Page - Analog Devices AD7995 Datasheet HTML 2Page - Analog Devices AD7995 Datasheet HTML 3Page - Analog Devices AD7995 Datasheet HTML 4Page - Analog Devices AD7995 Datasheet HTML 5Page - Analog Devices AD7995 Datasheet HTML 6Page - Analog Devices AD7995 Datasheet HTML 7Page - Analog Devices AD7995 Datasheet HTML 8Page - Analog Devices AD7995 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Preliminary Technical Data
AD7991/AD7995/AD7999
Rev. PrB | Page 3 of 25
AD7991 SPECIFICATIONS
Temperature range is as follows: B version −40°C to +85°C, Y version -40°C to +125°C. Unless otherwise noted, VDD = 2.7 V to 5.5 V; fSCL
= 3.4 Mhz Unless otherwise noted; TA = TMIN to TMAX.
Table 2.
Parameter
B Version
Y Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
FIN = 10 kHz sine wave for fSCL from 1.7
MHz to
3.4 MHz
FIN = 1 kHz sine wave for fSCL up to 400
kHz
Signal-to-Noise + Distortion
(SINAD)2
70.5
70.5
dB min
Signal-to-Noise Ratio (SNR)2
71
71
dB min
Total Harmonic Distortion (THD)2
–78
–78
dB max
Peak Harmonic or Spurious Noise
(SFDR)2
–79
–79
dB max
Intermodulation Distortion (IMD)2
fa = 10.1 kHz, fb = 9.9 kHz for fSCL from
1.7 MHz to 3.4 MHz
fa = 1.1 kHz, fb = 0.9 kHz for fSCL up to
400 kHz
Second Order Terms
–90
–90
dB typ
Third Order Terms
–90
–90
dB typ
Channel-to-Channel Isolation2
-90
-90
dB typ
FIN = 108 Hz; see the Terminology
Section
Full Power Bandwidth2
11
11
MHz typ
@ 3 dB
2
2
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
12
Bits
Integral Nonlinearity1, 2
±1
±1
LSB max
±0.2
±0.2
LSB typ
Differential Nonlinearity1, 2
+1/–0.9
+1/–0.9
LSB max
Guaranteed no missed codes to 12
bits
±0.2
±0.2
LSB typ
Offset Error2
±4
±4
LSB max
Offset Error Matching
±0.5
±0.5
LSB max
Offset Temperature drift
TBD
TBD
ppm/°C typ
Gain Error2
±2
±2
LSB max
Gain Error Matching
±0.5
±0.5
LSB max
Gain Temperature drift
TBD
TBD
ppm/°C typ
ANALOG INPUT
Input Voltage Range
0 to REFIN
0 to REFIN
V
DC Leakage Current
±1
±1
µA max
Input Capacitance
30
30
pF typ
REFERENCE INPUT
REFIN Input Voltage Range
1.2 to VDD
1.2 to VDD
V min/V
max
DC Leakage Current
±1
±1
µA max
REFIN Input Capacitance
30
pF typ
Input Impedance
69
69
kΩ typ
LOGIC INPUTS (SDA, SCL)
Input High Voltage, VINH
0.7 (VDD)
0.7 (VDD)
V min
Input Low Voltage, VINL
0.3 (VDD)
0.3 (VDD)
V max
Input Leakage Current, IIN
±1
±1
µA max
VIN = 0 V or VDD
Input Capacitance, CIN3
10
10
pF max


Similar Part No. - AD7995

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7995 AD-AD7995 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7995 AD-AD7995 Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7995ARJZ-0RL AD-AD7995ARJZ-0RL Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7995YRJZ-0500RL7 AD-AD7995YRJZ-0500RL7 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7995YRJZ-0500RL7 AD-AD7995YRJZ-0500RL7 Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
More results

Similar Description - AD7995

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7991 AD-AD7991_09 Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7997 AD-AD7997 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com