Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMF3800SN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMF3800SN
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMF3800SN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMF3800SN Datasheet HTML 2Page - NXP Semiconductors PMF3800SN Datasheet HTML 3Page - NXP Semiconductors PMF3800SN Datasheet HTML 4Page - NXP Semiconductors PMF3800SN Datasheet HTML 5Page - NXP Semiconductors PMF3800SN Datasheet HTML 6Page - NXP Semiconductors PMF3800SN Datasheet HTML 7Page - NXP Semiconductors PMF3800SN Datasheet HTML 8Page - NXP Semiconductors PMF3800SN Datasheet HTML 9Page - NXP Semiconductors PMF3800SN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
9397 750 15218
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 1 July 2005
6 of 12
Philips Semiconductors
PMF3800SN
N-channel TrenchMOS standard level FET
Tj =25 °CTj =25 °C
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function
of drain current; typical values
Tj =25 °C and 150 °C; VDS >ID × RDSon
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature
03an70
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
1.5
2
VDS (V)
ID
(A)
3.5
Tj = 25 °C
VGS (V) =
4
4.5
3
6
10
03an71
0
2
4
6
8
10
0
0.1
0.2
0.3
0.4
0.5
ID (A)
RDSon
(
Ω)
VGS (V) = 3.5
Tj = 25 °C
4.5
4
10
6
03an72
0
0.1
0.2
0.3
0.4
0.5
02
46
VGS (V)
ID
(A)
VDS > ID x RDSon
Tj = 25 °C
150
°C
03aa28
0
0.6
1.2
1.8
2.4
-60
0
60
120
180
Tj (
°C)
a
a
R
DSon
R
DSon 25 C
°
()
------------------------------
=


Similar Part No. - PMF3800SN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMF3800SN NXP-PMF3800SN Datasheet
351Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-11 November 2009
logo
VBsemi Electronics Co.,...
PMF3800SN VBSEMI-PMF3800SN Datasheet
1,013Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMF3800SN NEXPERIA-PMF3800SN Datasheet
453Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 03 - 11 November 2009
More results

Similar Description - PMF3800SN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com