Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTD123T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDTD123T
Description  NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = open
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTD123T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDTD123T Datasheet HTML 2Page - NXP Semiconductors PDTD123T Datasheet HTML 3Page - NXP Semiconductors PDTD123T Datasheet HTML 4Page - NXP Semiconductors PDTD123T Datasheet HTML 5Page - NXP Semiconductors PDTD123T Datasheet HTML 6Page - NXP Semiconductors PDTD123T Datasheet HTML 7Page - NXP Semiconductors PDTD123T Datasheet HTML 8Page - NXP Semiconductors PDTD123T Datasheet HTML 9Page - NXP Semiconductors PDTD123T Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
9397 750 15214
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2005
8 of 10
Philips Semiconductors
PDTD123T series
NPN 500 mA resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = open
10. Revision history
Table 10:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
PDTD123T_SER_2
20050721
Product data sheet
-
9397 750 15214
PDTD123T_SER_1
Modifications:
Types PDTD123TS and PDTD123TT added
PDTD123T_SER_1
20050603
Product data sheet
-
9397 750 14583
-


Similar Part No. - PDTD123T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD123T NXP-PDTD123T Datasheet
129Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = open
Rev. 03-16 November 2009
logo
Nexperia B.V. All right...
PDTD123T NEXPERIA-PDTD123T Datasheet
243Kb / 11P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = open
Rev. 03 - 16 November 2009
logo
NXP Semiconductors
PDTD123TK NXP-PDTD123TK Datasheet
129Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = open
Rev. 03-16 November 2009
logo
Nexperia B.V. All right...
PDTD123TK NEXPERIA-PDTD123TK Datasheet
243Kb / 11P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = open
Rev. 03 - 16 November 2009
logo
NXP Semiconductors
PDTD123TS NXP-PDTD123TS Datasheet
129Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = open
Rev. 03-16 November 2009
More results

Similar Description - PDTD123T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD123T NXP-PDTD123T Datasheet
129Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = open
Rev. 03-16 November 2009
PDTD123T PHILIPS-PDTD123T_15 Datasheet
129Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors R1 = 2.2 k廓, R2 = open
Rev. 03-16 November 2009
logo
Nexperia B.V. All right...
PDTD123T_SER NEXPERIA-PDTD123T_SER Datasheet
243Kb / 11P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = open
Rev. 03 - 16 November 2009
logo
NXP Semiconductors
PDTB123T NXP-PDTB123T Datasheet
128Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = open
Rev. 03-16 November 2009
PDTD123E NXP-PDTD123E Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 02-16 November 2009
PDTC123E PHILIPS-PDTC123E Datasheet
91Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
2004 Aug 06
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
PDTD113E PHILIPS-PDTD113E Datasheet
67Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k-ohm, R2 = 1 k-ohm
Rev. 01-14 April 2005
PDTD123Y NXP-PDTD123Y Datasheet
132Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
PDTD123Y PHILIPS-PDTD123Y_15 Datasheet
132Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com