Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC124EM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDTC124EM
Description  NPN resistor-equipped transistors; R1 = 22 k-ohm, R2 = 22 k-ohm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC124EM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDTC124EM Datasheet HTML 6Page - NXP Semiconductors PDTC124EM Datasheet HTML 7Page - NXP Semiconductors PDTC124EM Datasheet HTML 8Page - NXP Semiconductors PDTC124EM Datasheet HTML 9Page - NXP Semiconductors PDTC124EM Datasheet HTML 10Page - NXP Semiconductors PDTC124EM Datasheet HTML 11Page - NXP Semiconductors PDTC124EM Datasheet HTML 12Page - NXP Semiconductors PDTC124EM Datasheet HTML 13Page - NXP Semiconductors PDTC124EM Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2004 Aug 17
11
Philips Semiconductors
Product specification
NPN resistor-equipped transistors;
R1 = 22 k
Ω, R2 = 22 kΩ
PDTC124E series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
99-09-13
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - PDTC124EM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124EM NXP-PDTC124EM Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC124EM NEXPERIA-PDTC124EM Datasheet
230Kb / 12P
   50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
27 October 2022
PDTC124EM NEXPERIA-PDTC124EM Datasheet
1Mb / 18P
   PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
PDTC124EMB NEXPERIA-PDTC124EMB Datasheet
840Kb / 12P
   NPN resistor-equipped transistor; R1 = 22 k廓, R2 = 22 k廓
More results

Similar Description - PDTC124EM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PEMH1_PUMH1 PHILIPS-PEMH1_PUMH1_15 Datasheet
629Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 22 k?? R2 = 22 k?
Rev. 5-2 December 2011
PEMB17 PHILIPS-PEMB17 Datasheet
59Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
Rev. 02-3 February 2005
logo
Nexperia B.V. All right...
PEMD2 NEXPERIA-PEMD2_V01 Datasheet
1Mb / 19P
   NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 14 November 2013
logo
NXP Semiconductors
PEMD2_PIMD2_PUMD2 PHILIPS-PEMD2_PIMD2_PUMD2_15 Datasheet
991Kb / 18P
   NPN/PNP resistor-equipped transistors; R1 = 22 k?? R2 = 22 k?
Rev. 8-14 November 2013
logo
Nexperia B.V. All right...
PDTA124E_SER NEXPERIA-PDTA124E_SER Datasheet
1Mb / 18P
   PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
logo
NXP Semiconductors
PDTC124E NXP-PDTC124E Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
PDTC123Y PHILIPS-PDTC123Y Datasheet
79Kb / 11P
   NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 10 k-ohm
Rev. 03-24 March 2005
PDTC123E PHILIPS-PDTC123E Datasheet
91Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
2004 Aug 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com