Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK9447BD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK9447BD
Description  3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9447BD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK9447BD Datasheet HTML 1Page - NXP Semiconductors PCK9447BD Datasheet HTML 2Page - NXP Semiconductors PCK9447BD Datasheet HTML 3Page - NXP Semiconductors PCK9447BD Datasheet HTML 4Page - NXP Semiconductors PCK9447BD Datasheet HTML 5Page - NXP Semiconductors PCK9447BD Datasheet HTML 6Page - NXP Semiconductors PCK9447BD Datasheet HTML 7Page - NXP Semiconductors PCK9447BD Datasheet HTML 8Page - NXP Semiconductors PCK9447BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
9397 750 12522
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 October 2005
2 of 17
Philips Semiconductors
PCK9447
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
3.
Ordering information
4.
Functional diagram
Table 1:
Ordering information
Type number
Package
Name
Description
Version
PCK9447BD
LQFP32
plastic low profile quad flat package; 32 leads;
body 7
× 7 × 1.4 mm
SOT358-1
Fig 1.
Functional diagram of PCK9447
002aaa716
Q1
CCLK0
CCLK1
OE
0
1
PCK9447
Q0
Q2
25 k
Q3
Q4
Q5
Q6
Q7
Q8
CLK_STOP
CLK_SEL
VCC
25 k
SYNC
CLK
STOP
VCC
25 k
VCC
25 k
VCC
60 k


Similar Part No. - PCK9447BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
   2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
PCK9446BD PHILIPS-PCK9446BD Datasheet
94Kb / 17P
   2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
   3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
PCK9448BD PHILIPS-PCK9448BD Datasheet
109Kb / 20P
   3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
More results

Similar Description - PCK9447BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
   3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
   2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
   3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
PCS2I2309NZ ONSEMI-PCS2I2309NZ Datasheet
110Kb / 6P
   3.3 V 1:9 Clock Buffer
October, 2014 ??Rev. 0
PCS2P2309NZ ONSEMI-PCS2P2309NZ Datasheet
104Kb / 6P
   3.3 V 1:9 Clock Buffer
August, 2011 ??Rev. P2
logo
Texas Instruments
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com