Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCK940L Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PCK940L
Description  Low voltage 1 : 18 clock distribution chip
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PCK940L Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PCK940L_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 April 2006
5 of 16
Philips Semiconductors
PCK940L
Low voltage 1 : 18 clock distribution chip
Table 7.
Static characteristics (3.3 V VCC, 2.5 V outputs)
Tamb =0 °Cto70 °C; VCC2 = 3.3 V ± 5 %; VCC1 = 2.5 V ± 5%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
LVCMOS_CLK
2.4
-
VCC2
V
VIL
LOW-level input voltage
LVCMOS_CLK
-
-
0.8
V
Vi(p-p)
peak-to-peak input voltage
PECL_CLK
500
-
1000
mV
VICR
common mode input voltage range
PECL_CLK
VCC − 1.4
-
VCC − 0.6
V
VOH
HIGH-level output voltage
IOH = −20 mA
1.8
-
-
V
VOL
LOW-level output voltage
IOH = 20 mA
-
-
0.5
V
II
input current
-
-
±200
µA
Ci
input capacitance
-
4.0
-
pF
CPD
power dissipation capacitance
per output
-
10
-
pF
Zo
output impedance
-
23
-
ICC(max)
maximum supply current
-
0.5
1.0
mA
Table 8.
Static characteristics (2.5 V VCC, 2.5 V output)
Tamb =0 °Cto70 °C; VCC2 = 2.5 V ± 5 %; VCC1 = 2.5 V ± 5%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
LVCMOS_CLK
2.0
-
VCC2
V
VIL
LOW-level input voltage
LVCMOS_CLK
-
-
0.8
V
Vi(p-p)
peak-to-peak input voltage
PECL_CLK
500
-
1000
mV
VICR
common mode input voltage range
PECL_CLK
VCC − 1.0
-
VCC − 0.6
V
VOH
HIGH-level output voltage
IOH = −20 mA
1.8
-
-
V
VOL
LOW-level output voltage
IOH = 20 mA
-
-
0.5
V
II
input current
-
-
±200
µA
Ci
input capacitance
-
4.0
-
pF
CPD
power dissipation capacitance
per output
-
10
-
pF
Zo
output impedance
18
23
28
ICC(max)
maximum supply current
-
0.5
1.0
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn