Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9698BS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9698BS
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9698BS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9698BS Datasheet HTML 15Page - NXP Semiconductors PCA9698BS Datasheet HTML 16Page - NXP Semiconductors PCA9698BS Datasheet HTML 17Page - NXP Semiconductors PCA9698BS Datasheet HTML 18Page - NXP Semiconductors PCA9698BS Datasheet HTML 19Page - NXP Semiconductors PCA9698BS Datasheet HTML 20Page - NXP Semiconductors PCA9698BS Datasheet HTML 21Page - NXP Semiconductors PCA9698BS Datasheet HTML 22Page - NXP Semiconductors PCA9698BS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
PCA9698_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 19 July 2006
19 of 47
Philips Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
7.11 SMBus Alert output (SMBALERT)
The interrupt output pin (INT) can also be used as an Alert line (SMBALERT).
The SMBALERT pins of multiple devices with this feature can be connected together to
form a wired-AND signal and can be used in conjunction with the SMBus Alert Response
Address. ‘SMBus Alert’ message is 2 bytes long and allows the master to determine
which device generated the Alert (SMBALERT going LOW).
When SMBA bit = 1 (register 2Ah, bit 4), the PCA9698 supports the SMBus Alert function
and its INT/SMBALERT pin may be connected as an SMBus Alert signal.
When a master device senses that an ‘SMBus Alert’ condition is present on the ALERT
line (SMBALERT pin of the PCA9698 and/or other devices going LOW):
It accesses the slave device(s) through the Alert Response Address (ARA)
associated with a Read Command: Start
− 0001 100 + R/W=1.
If the PCA9698 is the device that generated the ‘SMBus Alert’ condition (and its
SMBA bit = 1), it will acknowledge the SMBus Alert command and respond by
transmitting its slave address on the SDA line. The 8th bit (LSB) of the slave address
byte will be a zero.
The device will acknowledge an ARA command only if the SMBALERT signal has
been previously asserted (SMBALERT = LOW).
If more than one device pulls its SMBALERT pin LOW, the highest priority (lowest
I2C-bus address) device will win communication rights via standard I2C-bus arbitration
during the slave address transfer.
If the PCA9698 wins the arbitration, its SMBALERT pin will become inactive (will go
HIGH) at the completion of the slave address transmission (9th clock pulse, NACK
phase).
If the PCA9698 loses the arbitration, its SMBALERT pin will remain active (will stay
LOW).
The master ends the sequence by sending a NACK and then STOP command.
If the SMBALERT is still LOW after transfer is complete, it means that more than one
device made the request. Another full transaction is then required.
Remark: If the master initiates an ‘SMBus Alert’ sequence with a Write Command, none
of the slave devices acknowledge. The SMBALERT is open-drain and requires a pull-up
resistor to VDD.
Remark: If the master sends an ACK after reading the I2C-bus slave address, the slave
device keeps sending ‘1’s until a NACK is received.


Similar Part No. - PCA9698BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698BS NXP-PCA9698BS Datasheet
374Kb / 48P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
More results

Similar Description - PCA9698BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698 NXP-PCA9698_10 Datasheet
374Kb / 48P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
PCA9505 NXP-PCA9505_10 Datasheet
276Kb / 34P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9505 NXP-PCA9505 Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506 PHILIPS-PCA9506 Datasheet
162Kb / 30P
   40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01-14 February 2006
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
   8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
   Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671_10 Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com