Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72421L20JB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72421L20JB
Description  CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72421L20JB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72421L20JB Datasheet HTML 1Page - Integrated Device Technology IDT72421L20JB Datasheet HTML 2Page - Integrated Device Technology IDT72421L20JB Datasheet HTML 3Page - Integrated Device Technology IDT72421L20JB Datasheet HTML 4Page - Integrated Device Technology IDT72421L20JB Datasheet HTML 5Page - Integrated Device Technology IDT72421L20JB Datasheet HTML 6Page - Integrated Device Technology IDT72421L20JB Datasheet HTML 7Page - Integrated Device Technology IDT72421L20JB Datasheet HTML 8Page - Integrated Device Technology IDT72421L20JB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5.07
5
IDT72421/72201/72211/72221/72231/72241 CMOS SyncFIFO
64 x 9, 256 x 9, 512 x 9, 1024 x 9, 2048 x 9 and 4096 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
Commercial
Commercial and Military
72221L15
72221L20 72221L25
72221L35 72221L50
72231L15
72231L20 72231L25
72231L35 72231L50
72241L15
72241L20 72241L25
72241L35 72241L50
Symbol
Parameter
Min. Max. Min. Max.
Min. Max. Min. Max. Min. Max.
Unit
fS
Clock Cycle Frequency
66.7
50
40
28.6
20
MHz
tA
Data Access Time
2
10
2
12
3
15
3
20
3
25
ns
tCLK
Clock Cycle Time
15
20
25
35
50
ns
tCLKH
Clock HIGH Time
6
8
10
14
20
ns
tCLKL
Clock LOW Time
6
8
10
14
20
ns
tDS
Data Set-up Time
4
5
6
8
10
ns
tDH
Data Hold Time
1
1
1
2
2
ns
tENS
Enable Set-up Time
4
5
6
8
10
ns
tENH
Enable Hold Time
1
1
1
2
2
ns
tRS
Reset Pulse Width(1)
15
20
25
35
50
ns
tRSS
Reset Set-up Time
15
20
25
35
50
ns
tRSR
Reset Recovery Time
15
20
25
35
50
ns
tRSF
Reset to Flag Time and Output Time
15
20
25
35
50
ns
tOLZ
Output Enable to Output in Low-Z(2)
0
0—
0
0—
0
ns
tOE
Output Enable to Output Valid
3
8
3
10
3
13
3
15
3
28
ns
tOHZ
Output Enable to Output in High-Z(2)
3
8
310
3
13
315
3
28
ns
tWFF
Write Clock to Full Flag
10
12
15
20
30
ns
tREF
Read Clock to Empty Flag
10
12
15
20
30
ns
tPAF
Write Clock to Programmable Almost-Full Flag
10
12
15
20
30
ns
tPAE
Read Clock to Programmable Almost-Empty Flag
10
12
15
20
30
ns
tSKEW1
Skew Time Between Read Clock and Write Clock
6
8
10
12
15
ns
for Empty Flag and Full Flag
tSKEW2
Skew Time Between Read Clock and Write Clock
28
35
40
42
45
ns
for Programmable Almost-Empty Flag and
Programmable Almost-Full Flag
NOTES:
2655 tbl 08
1. Pulse widths less than minimum values are not allowed.
2. Values guaranteed by design, not currently tested.
AC TEST CONDITIONS
In Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
2655 tbl 09
or equivalent circuit
Figure 1. Output Load
*Includes jig and scope capacitances.
30pF*
1.1K
5V
680
D.U.T.
2655 drw 03


Similar Part No. - IDT72421L20JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421L25J IDT-IDT72421L25J Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L25JI IDT-IDT72421L25JI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L25PF IDT-IDT72421L25PF Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L25PFI IDT-IDT72421L25PFI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72421L20JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com