Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PCA9698 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. PCA9698
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PCA9698 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
PCA9698_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 19 July 2006
3 of 47
Philips Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside mark
Package
Name
Description
Version
PCA9698DGG
PCA9698DGG
TSSOP56
plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1
PCA9698BS
PCA9698BS
HVQFN56
plastic thermal enhanced very thin quad flat package;
no leads; 56 terminals; body 8
× 8 × 0.85 mm
SOT684-1
Remark: All I/Os are set to inputs at power-up and RESET.
Fig 1.
Block diagram of PCA9698
PCA9698
002aab935
LOW PASS
INPUT
FILTERS
SCL
SDA
ADDRESS
DECODER
AD0
AD1
AD2
POWER-ON
RESET
I2C-BUS/SMBUS
CONTROL
RESET
VDD
INPUT/
OUTPUT
PORTS
BANK 0
LP FILTER
INT/SMBALERT
VSS
8-bit
IO0_0
IO0_1
IO0_2
IO0_3
IO0_4
IO0_5
IO0_6
IO0_7
BANK 1
BANK 2
BANK 3
read pulse 0
write pulse 0
INPUT/
OUTPUT
PORTS
BANK 4
8-bit
IO4_0
IO4_1
IO4_2
IO4_3
IO4_4
IO4_5
IO4_6
IO4_7
read pulse 4
write pulse 4
OE
INTERRUPT
MANAGEMENT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn