Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9698 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9698
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9698 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9698 Datasheet HTML 12Page - NXP Semiconductors PCA9698 Datasheet HTML 13Page - NXP Semiconductors PCA9698 Datasheet HTML 14Page - NXP Semiconductors PCA9698 Datasheet HTML 15Page - NXP Semiconductors PCA9698 Datasheet HTML 16Page - NXP Semiconductors PCA9698 Datasheet HTML 17Page - NXP Semiconductors PCA9698 Datasheet HTML 18Page - NXP Semiconductors PCA9698 Datasheet HTML 19Page - NXP Semiconductors PCA9698 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
PCA9698_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 19 July 2006
16 of 47
Philips Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
7.5 Device ID - PCA9698 ID field
The Device ID field is a 3 byte read-only (24 bits) word giving the following information:
12 bits with the manufacturer name, unique per manufacturer (e.g., Philips)
9 bits with the part identification, assigned by manufacturer (e.g., PCA9698)
3 bits with the die revision, assigned by manufacturer (e.g., RevX)
The Device ID is read-only, hard-wired in the device and can be accessed as follows:
1. START command
2. The master sends the Reserved Device ID I2C-bus address followed by the R/W bit
set to ‘0’ (write): ‘1111 1000’.
3. The master sends the I2C-bus slave address of the slave device it needs to identify.
The LSB is a ‘Don’t care’ value. Only one device must acknowledge this byte (the one
that has the I2C-bus slave address).
4. The master sends a Re-START command.
Remark: A STOP command followed by a START command will reset the slave state
machine and the Device ID Read cannot be performed. Also, a STOP command or a
Re-START command followed by an access to another slave device will reset the
slave state machine and the Device ID Read cannot be performed.
5. The master sends the Reserved Device ID I2C-bus address followed by the R/W bit
set to ‘1’ (read): ‘1111 1001’.
6. The Device ID Read can be done, starting with the 12 manufacturer bits (first byte +
4 MSBs of the second byte), followed by the 9 part identification bits (4 LSBs of the
second byte + 5 MSBs of the third byte), and then the 3 die revision bits (3 LSBs of
the third byte).
7. The master ends the reading sequence by NACKing the last byte, thus resetting the
slave device state machine and allowing the master to send the STOP command.
Remark: The reading of the Device ID can be stopped anytime by sending a NACK
command.
If the master continues to ACK the bytes after the third byte, the PCA9698 rolls back
to the first byte and keeps sending the Device ID sequence until a NACK has been
detected.
For the PCA9698, the Device ID is as shown in Figure 10.
Fig 10. PCA9698 ID field
0
002aab942
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
revision
0
0
0
0
0
part identification
manufacturer


Similar Part No. - PCA9698

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698 NXP-PCA9698 Datasheet
374Kb / 48P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
PCA9698 NXP-PCA9698 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9698BS NXP-PCA9698BS Datasheet
374Kb / 48P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
PCA9698DGG NXP-PCA9698DGG Datasheet
374Kb / 48P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
PCA9698 NXP-PCA9698_10 Datasheet
374Kb / 48P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
More results

Similar Description - PCA9698

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9698 NXP-PCA9698_10 Datasheet
374Kb / 48P
   40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
Rev. 3-3 August 2010
PCA9505 NXP-PCA9505_10 Datasheet
276Kb / 34P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 4-3 August 2010
PCA9505 NXP-PCA9505 Datasheet
180Kb / 31P
   40-bit I2C-bus I/O port with RESET, OE and INT
Rev. 03-6 June 2007
PCA9506 PHILIPS-PCA9506 Datasheet
162Kb / 30P
   40-bit I2C-bus I/O port with RESET, OE, and INT
Rev. 01-14 February 2006
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
   8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
   Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671_10 Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com